Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA5562SQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA5562SQ
Description  Wi-Fi Integrated PA Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5562SQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA5562SQ Datasheet HTML 1Page - RF Micro Devices RFPA5562SQ Datasheet HTML 2Page - RF Micro Devices RFPA5562SQ Datasheet HTML 3Page - RF Micro Devices RFPA5562SQ Datasheet HTML 4Page - RF Micro Devices RFPA5562SQ Datasheet HTML 5Page - RF Micro Devices RFPA5562SQ Datasheet HTML 6Page - RF Micro Devices RFPA5562SQ Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RFPA5562
Wi-Fi Front End Module
4900MHz to 5925MHz
Revision DS20160218
4 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Evaluation Board Schematic
Transmit Timing Diagram
U1
RFPA5562
U1
RFPA5562


Similar Part No. - RFPA5562SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5562SQ QORVO-RFPA5562SQ Datasheet
695Kb / 7P
   Wi-Fi Power Amplifer
More results

Similar Description - RFPA5562SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5552 RFMD-RFPA5552 Datasheet
612Kb / 7P
   Wi-Fi Integrated PA Module
RFPA5532 RFMD-RFPA5532 Datasheet
454Kb / 7P
   Wi-Fi Integrated PA Module
logo
Qorvo, Inc
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
   Wi-Fi Integrated PA Module 4900MHz to 5925MHz
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
   Wi-Fi Integrated Front End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
   Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
   Wi-Fi Module
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
   2.4GHz Integrated Wi-Fi Front-End Module
logo
Qorvo, Inc
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
QPF7552 QORVO-QPF7552 Datasheet
145Kb / 2P
   Wi-Fi 6 bandBoost integrated Front End Module
September 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com