Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX70 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCX70
Description  Surface mount Si-Epitaxial PlanarTransistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCX70 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCX70 Datasheet HTML 1Page - Diotec Semiconductor BCX70 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
57
01.11.2003
General Purpose Transistors
BCX 70
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Base saturation voltage – Basis-Sättigungsspannung 1)
I
C = 10 mA, IB = 0.25 mA
V
BEsat
600 mV
850 mV
I
C = 50 mA, IB = 1.25 mA
V
BEsat
700 mV
1050 mV
DC current gain – Kollektor-Basis-Stromverhältnis 1)
V
CE = 5 V, IC = 10
:A
BCX 70G
h
FE
–––
BCX 70H
h
FE
30
BCX 70J
h
FE
40
BCX 70K
h
FE
100
V
CE = 5 V, IC = 2 mA
BCX 70G
h
FE
120
220
BCX 70H
h
FE
180
310
BCX 70J
h
FE
250
460
BCX 70K
h
FE
380
630
V
CE = 1 V, IC = 50 mA
BCX 70G
h
FE
50
BCX 70H
h
FE
70
BCX 70J
h
FE
90
BCX 70K
h
FE
100
Base-Emitter voltage – Basis-Emitter-Spannung 1)
V
CE = 5 V, IC = 10
:AV
BEon
520 mV
V
CE = 5 V, IC = 2 mA
V
BEon
550 mV
650 mV
700 mV
V
CE = 1 V, IC = 50 mA
V
BEon
780 mV
Gain-Bandwidth Product – Transitfrequenz
V
CE = 5 V, IC = 10 mA, f = 100 MHz
f
T
100 MHz
250 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
1.7 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
V
EB = 0.5 V, IC = ic = 0, f = 1 MHz
C
EB0
11 pF
Noise figure – Rauschzahl
V
CE = 5 V, IC = 200
:A, R
G = 2 k
S,
f = 1 kHz,
)f = 200 Hz
F
2 dB
6 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W 2)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BCX 71 series
Marking
Stempelung
BCX 70G = AG
BCX 70H = AH
BCX 70J = AJ
BCX 70K = AD


Similar Part No. - BCX70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BCX70 PHILIPS-BCX70 Datasheet
132Kb / 7P
   NPN general purpose transistors
2004 Jan 16
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
logo
Nexperia B.V. All right...
BCX70 NEXPERIA-BCX70 Datasheet
347Kb / 8P
   NPN general purpose transistors
2004 Jan 16
logo
Infineon Technologies A...
BCX70 INFINEON-BCX70 Datasheet
228Kb / 9P
   NPN Silicon AF Transistors
Jan-29-2002
More results

Similar Description - BCX70

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com