Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9172 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APX9172
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9172 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9172 Datasheet HTML 2Page - Anpec Electronics Coropration APX9172 Datasheet HTML 3Page - Anpec Electronics Coropration APX9172 Datasheet HTML 4Page - Anpec Electronics Coropration APX9172 Datasheet HTML 5Page - Anpec Electronics Coropration APX9172 Datasheet HTML 6Page - Anpec Electronics Coropration APX9172 Datasheet HTML 7Page - Anpec Electronics Coropration APX9172 Datasheet HTML 8Page - Anpec Electronics Coropration APX9172 Datasheet HTML 9Page - Anpec Electronics Coropration APX9172 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2015
APX9172/72A/72B
www.anpec.com.tw
6
Block Diagram
Typical Application Circuit
Voltage
Regulator
VDD
GND
OUT1
FG/RD
Logic Control
Citcuit
Hall
Plane
Oscillator
OUT2
VDD
PWM
PWM Control
Circuit
APX9172
1
5
2
3
4
6
PWM
FG
GND
OUT1
OUT2
VDD
Pull High
Voltage
RFG
10K
VIN
PWM Signal
D1
R1:2
C1:1
µF
1
VDD
PWM
OUT2
NC
NC
FG
GND
OUT1
2
3
4
5
6
7
8
PWM Signal
R1:2
C1:1
µF
VIN
10K
RFG
Pull High
Voltage


Similar Part No. - APX9172

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9172 ANPEC-APX9172 Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172CEI-TRG ANPEC-APX9172CEI-TRG Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172KEI-TRG ANPEC-APX9172KEI-TRG Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172_17 Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

Similar Description - APX9172

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154 ANPEC-APX9154 Datasheet
236Kb / 15P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172_17 Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com