Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-C053 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC-C053
Description  Voltage Variable Attenuator Module, DC to 20 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-C053 Datasheet(HTML) 3 Page - Analog Devices

  HMC-C053 Datasheet HTML 1Page - Analog Devices HMC-C053 Datasheet HTML 2Page - Analog Devices HMC-C053 Datasheet HTML 3Page - Analog Devices HMC-C053 Datasheet HTML 4Page - Analog Devices HMC-C053 Datasheet HTML 5Page - Analog Devices HMC-C053 Datasheet HTML 6Page - Analog Devices HMC-C053 Datasheet HTML 7Page - Analog Devices HMC-C053 Datasheet HTML 8Page - Analog Devices HMC-C053 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
HMC-C053
Rev. E | Page 3 of 9
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = +25° C, +VDC = 5 V, −VDC = −5 V, and VCTL = 0 V to −3 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INSERTION LOSS (VCTL = 0 V)
DC to 5 GHz
1.5
dB
5 GHz to 10 GHz
1.9
dB
10 GHz to 14 GHz
2.4
dB
14 GHz to 20 GHz
4.0
dB
ATTENUATION RANGE (VCTL = −2.9 V)
DC to 5 GHz
25
32
dB
5 GHz to 10 GHz
27
33
dB
10 GHz to 14 GHz
25
30
dB
14 GHz to 20 GHz
21
26
dB
RETURN LOSS AT RF1
DC to 14 GHz
15
dB
DC to 20 GHz
8
dB
INPUT POWER FOR 0.25 dB COMPRESSION
Frequency = 0.5 GHz to 8.0 GHz
Minimum Attenuation
7
dBm
Attenuation > 5 dB
−4
dBm
INPUT THIRD-ORDER INTERCEPT POINT
Two-tone input power = 10 dBm each tone,
frequency = 0.5 GHz to 16 GHz
Minimum Attenuation
22
dBm
Attenuation > 10 dB
25
dBm
SWITCHING CHARACTERISTICS
tRISE
111
ns
90% RF
tFALL
83
ns
10% RF
tON
125
ns
50% VCTL to 90% RF
tOFF
103
ns
50% VCTL to 10% RF
SUPPLY VOLTAGE AND CURRENT
±VDC range = ±10%
Supply Voltage
+VDC
5.0
V
−VDC
−5.0
V
Supply Current
+5.0 V dc
3.3
3.7
mA
−5.0 V dc
−6.9
−8.8
mA
CONTROL VOLTAGE
Minimum Attenuation
0
V
Maximum Attenuation
−2.9
V


Similar Part No. - HMC-C053

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
   VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
More results

Similar Description - HMC-C053

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
   VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
   DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
   DC-20 GHz Voltage-Variable Attenuator
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
ADH346S AD-ADH346S Datasheet
161Kb / 7P
   DC to 8 GHz Voltage-Variable Attenuator
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Tyco Electronics
AT-332 MACOM-AT-332 Datasheet
114Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-250 MACOM-AT-250 Datasheet
122Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com