Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7504 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7504
Description  1.5MHz, 1.5A Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7504 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7504 Datasheet HTML 1Page - Anpec Electronics Coropration APW7504 Datasheet HTML 2Page - Anpec Electronics Coropration APW7504 Datasheet HTML 3Page - Anpec Electronics Coropration APW7504 Datasheet HTML 4Page - Anpec Electronics Coropration APW7504 Datasheet HTML 5Page - Anpec Electronics Coropration APW7504 Datasheet HTML 6Page - Anpec Electronics Coropration APW7504 Datasheet HTML 7Page - Anpec Electronics Coropration APW7504 Datasheet HTML 8Page - Anpec Electronics Coropration APW7504 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2016
APW7504/A
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Sym bol
P aram eter
Ra ting
Unit
VIN
Input Bias Sup ply Voltage (V IN to GND)
-0 .3 ~ 6
V
RUN, FB, SW to GND Voltage
- 0.3 ~ V IN+0 .3
V
P D
Po we r Dissipation
In te rnally Limited
W
Maximum Junctio n Tempe rature
150
oC
TSTG
Storag e Tempe rature
-6 5 ~ 150
oC
TSDR
Maximum Lead S olde ring Temperature , 10 Se co nds
260
o
C
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TDFN2x2-6
165
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Symbol
Parameter
Range
Unit
VIN
Input Bias Supply Voltage (VIN to GND)
3 ~ 5.5
V
VOUT
Converter Output Voltage
0.6 ~ VIN
V
IOUT
Converter Output Current
0 ~ 1.5
A
L1
Converter Output Inductor
1.0 ~ 10
µH
CIN
Converter Input Capacitor
4.7 ~100
µF
COUT
Converter Output Capacitor
4.7 ~100
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit


Similar Part No. - APW7504

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506 ANPEC-APW7506 Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506BI-TRG ANPEC-APW7506BI-TRG Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506BTI-TRG ANPEC-APW7506BTI-TRG Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
More results

Similar Description - APW7504

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
   1.5A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
   Dual 1.5A 1.5MHz Synchronous Buck Converter
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com