Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC812ALC4 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC812ALC4
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC812ALC4 Datasheet(HTML) 2 Page - Analog Devices

  HMC812ALC4 Datasheet HTML 1Page - Analog Devices HMC812ALC4 Datasheet HTML 2Page - Analog Devices HMC812ALC4 Datasheet HTML 3Page - Analog Devices HMC812ALC4 Datasheet HTML 4Page - Analog Devices HMC812ALC4 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
2
HMC812ALC4
v05.1115
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 5 - 30 GHz
Outline Drawing
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Control Voltages
Vctrl1
-3 to 0V @ 10 µA
Vctrl2
-3 to 0V @ 10 µA
RF Input Power
+30 dBm
Control Voltage Range
+1 to -5V
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 16.4 mW/ °C above 85 °C)
1.07 W
Thermal Resistance
(Channel to ground paddle)
61 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA.
2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER NICKEL.
3. DIMENSIONS ARE IN INCHES (MILLIMETERS).
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. PACKAGE WARP SHALL NOT EXCEED 0.05MM DATUM – C –
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Package Information
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC812ALC4
Alumina, White
Gold over Nickel
MSL3
[1]
H812A
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX


Similar Part No. - HMC812ALC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
More results

Similar Description - HMC812ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4_11 Datasheet
521Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712 HITTITE-HMC712_10 Datasheet
496Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4 Datasheet
301Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Analog Devices
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Hittite Microwave Corpo...
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
331Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3CE HITTITE-HMC712LP3CE_10 Datasheet
656Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com