Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2915 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2915
Description  Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2915 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2915 Datasheet HTML 6Page - Analog Devices ADN2915 Datasheet HTML 7Page - Analog Devices ADN2915 Datasheet HTML 8Page - Analog Devices ADN2915 Datasheet HTML 9Page - Analog Devices ADN2915 Datasheet HTML 10Page - Analog Devices ADN2915 Datasheet HTML 11Page - Analog Devices ADN2915 Datasheet HTML 12Page - Analog Devices ADN2915 Datasheet HTML 13Page - Analog Devices ADN2915 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADN2915
Data Sheet
Rev. A | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
VCC
P
1.2 V Supply for Limiting Amplifier.
2
PIN
AI
Positive Differential Data Input (CML).
3
NIN
AI
Negative Differential Data Input (CML).
4
VEE
P
Ground for Limiting Amplifier.
5
LOS
DO
Loss of Signal Output (Active High).
6
LOL
DO
Loss of Lock Output (Active High).
7
VEE
P
Digital Control Oscillator (DCO) Ground.
8
VCC1
P
1.8 V to 3.3 V DCO Supply.
9
VDD
P
3.3 V High Supply.
10
CLKOUTN
DO
Negative Differential Recovered Clock Output (CML).
11
CLKOUTP
DO
Positive Differential Recovered Clock Output (CML).
12
VEE
P
Ground for CML Output Drivers.
13
VCC
P
1.2 V Supply for CML Output Drivers.
14
DATOUTN
DO
Negative Differential Retimed Data Output (CML).
15
DATOUTP
DO
Positive Differential Retimed Data Output (CML).
16
DNC
DI
Do Not Connect. Tie off to ground.
17
VDD
P
3.3 V High Supply.
18
VCC
P
1.2 V Core Digital Supply.
19
SCK
DI
Clock for I2C.
20
SDA
DIO
Bidirectional Data for I2C.
21
VCC
P
1.2 V Core Supply.
22
I2C_ADDR
DI
Sets the device I2C address = 0x80 when I2C_ADDR = 0, and the device I2C address = 0x82 when
I2C_ADDR = 1.
23
REFCLKN
DI
Negative Reference Clock Input (Optional).
24
REFCLKP
DI
Positive Reference Clock Input (Optional).
EPAD
P
Exposed Pad (VEE). The exposed pad on the bottom of the device package must be connected to VEE
electrically. The exposed pad works as a heat sink.
1 P = power, AI = analog input, DI = digital input, DO = digital output, DIO = digital input/output.
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED PADDLE ON BOTTOM OF DEVICE
PACKAGE MUST BE CONNECTED TO VEE
ELECTRICALLY.
VCC
PIN
NIN
VEE
LOS
LOL
DATOUTP
DNC
VDD
VCC
DATOUTN
VCC
2
1
3
4
5
6
18
17
16
15
14
13
ADN2915
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR


Similar Part No. - ADN2915

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ AD-ADN2913ACPZ Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ-RL7 AD-ADN2913ACPZ-RL7 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917ACPZ AD-ADN2917ACPZ Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
More results

Similar Description - ADN2915

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com