Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3538 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3538
Description  Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3538 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3538 Datasheet HTML 5Page - Anpec Electronics Coropration APL3538 Datasheet HTML 6Page - Anpec Electronics Coropration APL3538 Datasheet HTML 7Page - Anpec Electronics Coropration APL3538 Datasheet HTML 8Page - Anpec Electronics Coropration APL3538 Datasheet HTML 9Page - Anpec Electronics Coropration APL3538 Datasheet HTML 10Page - Anpec Electronics Coropration APL3538 Datasheet HTML 11Page - Anpec Electronics Coropration APL3538 Datasheet HTML 12Page - Anpec Electronics Coropration APL3538 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep, 2015
www.anpec.com.tw
9
APL3538
Preliminary
Function Description
Under-voltage Lockout (UVLO)
Power Switch
The power switch is an N-channel MOSFET with a ultra-
low R
DS(ON). W hen IC is in shutdown state (VEN1,2=Low or
V
ENB1,2=High), the MOSFET prevents a reverse current flow-
ing from the VOUT back to VIN. When IC is in UVLO state,
the internal parasitic diodes connected from VOUT to VIN
will be forward biased.
A Under-Voltage Lockout (UVLO) circuit monitors the VDD
pins voltage to prevent wrong logic controls. The UVLO
function initiates a soft-start process after the VDD supply
voltages exceed rising UVLO voltage threshold during
powering on.
Over-Current Protection (OCP)
When the output current reaches the OCP threshold, the
device is turned off and the output is latched to be floating
until ENx or ENBx is toggled.
Soft-Start
The APL3538 provides an adjustable soft-start circuitry to
control rise rate of the output voltage and limit the current
surge (I
SURGE,Max<7.5A) during start-up. The soft-start time
is set with a capacitor from the SSx pin to the ground.
The APL3538 power switch provides the OCP function.
Enable Control
The APL3538 has a dedicated enable pin (ENx or ENBx).
A logic low/high signal applied to this pin shuts down the
output. Following a shutdown, a logic high/low signal re-
enables the output through initiation of a new soft-start
cycle.
Over-Temperature Protection
When the junction temperature exceeds 150°C, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device
’s junc-
tion temperature cools by 30°C, the internal thermal sense
circuit will enable the device, resulting in a pulsed output
during continuous thermal protection. Thermal protec-
tion is designed to protect the IC in the event of over tem-
perature conditions. For normal operation, the junction
temperature cannot exceed TJ=+125°C.


Similar Part No. - APL3538

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3533QBI-TRG ANPEC-APL3533QBI-TRG Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3534 ANPEC-APL3534 Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
APL3534A ANPEC-APL3534A Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
APL3534AAAI-TRG ANPEC-APL3534AAAI-TRG Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
More results

Similar Description - APL3538

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
logo
Guangdong Youtai Semico...
IRFR1205TR UMW-IRFR1205TR Datasheet
1Mb / 7P
   Ultra LowOn-Resistance
logo
Advanced Power Electron...
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
logo
ON Semiconductor
NCP330 ONSEMI-NCP330 Datasheet
211Kb / 9P
   Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
   Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
   Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com