Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1019ALP4E Datasheet(PDF) 4 Page - Analog Devices

Part # HMC1019ALP4E
Description  0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1019ALP4E Datasheet(HTML) 4 Page - Analog Devices

  HMC1019ALP4E Datasheet HTML 1Page - Analog Devices HMC1019ALP4E Datasheet HTML 2Page - Analog Devices HMC1019ALP4E Datasheet HTML 3Page - Analog Devices HMC1019ALP4E Datasheet HTML 4Page - Analog Devices HMC1019ALP4E Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
HMC1019
ALP4E
v00.1115
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 30 GHz
Serial Mode Truth Table
Control Voltage Input
Attenuation
State
RF1 - RF2
P4
8 dB
P3
4 dB
P2
2 dB
P1
1 dB
P0
0.5 dB
High
High
High
High
High
Reference I.L.
High
High
High
High
Low
0.5 dB
High
High
High
Low
High
1 dB
High
High
Low
High
High
2 dB
High
Low
High
High
High
4 dB
Low
High
High
High
High
8 dB
Low
Low
Low
Low
Low
15.5 dB
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
Parameter
Typ.
Min. serial period, t
SCK
100 ns
Control set-up time, t
Cs
20 ns
Control hold-time, t
CH
20 ns
LE setup-time, t
ln
10 ns
Min. LE pulse width, t
LEW
10 ns
Min LE pulse spacing, t
les
630 ns
Serial clock hold-time from LE, t
CKN
10 ns
Hold Time, t
PH.
0 ns
Latch Enable Minimum Width, t
len
10 ns
Setup Time, t
Ps
2 ns
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
PUP Truth Table
PuP
Attenuation State
High
Reference I.L.
Low
15.5 dB
Note: The logic state of ASM1-ASM2 determines the
power-up state of the part per truth table for the asyn-
chronous mode when LE is high at power-up.
Asynchronous Mode Truth Table
AsM1
AsM2
Attenuation State RF1-RF2
High
High
Reference I.L.
High
Low
1.5 dB
Low
High
14 dB
Low
Low
15.5 dB
Bias Voltages & Currents
Vdd
+5V @ 0.2 mA
Vdd1
+5V @ 4.5 mA
Vss
-5V @ 5 mA
Control Voltage
State
Bias Condition
Low
0 to 0.8V @ 1 µA
High
2 to 5V @ 1 µA


Similar Part No. - HMC1019ALP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1019LP4E HITTITE-HMC1019LP4E Datasheet
846Kb / 10P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
More results

Similar Description - HMC1019ALP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC941 HITTITE-HMC941 Datasheet
659Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Analog Devices
HMC941A AD-HMC941A Datasheet
417Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Hittite Microwave Corpo...
HMC941LP4 HITTITE-HMC941LP4 Datasheet
705Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
logo
Analog Devices
HMC941ALP4 AD-HMC941ALP4 Datasheet
2Mb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC1018ALP4E AD-HMC1018ALP4E Datasheet
2Mb / 5P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
HMC939ALP4 AD-HMC939ALP4 Datasheet
2Mb / 4P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com