Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC539ALP3E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC539ALP3E
Description  0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHzFor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC539ALP3E Datasheet(HTML) 5 Page - Analog Devices

  HMC539ALP3E Datasheet HTML 1Page - Analog Devices HMC539ALP3E Datasheet HTML 2Page - Analog Devices HMC539ALP3E Datasheet HTML 3Page - Analog Devices HMC539ALP3E Datasheet HTML 4Page - Analog Devices HMC539ALP3E Datasheet HTML 5Page - Analog Devices HMC539ALP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
HMC539ALP3/539ALP3E
v01.0416
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
Vdd
Supply Voltage.
2, 11
RF1, RF2
This pin is DC coupled and matched to 50 Ohm.
Blocking capacitors are required.
Select value based on lowest frequency of operation.
3, 9, 10
N/C
These pins should be connected to PCB RF ground to
maximize performance.
4 - 8
ACG1 - ACG5
External capacitor to ground is required. Select value for
lowest frequency of operation. Place capacitor as close
to pins as possible.
12 - 16
V1 - V5
See truth table and control voltage table.
GND
Package bottom has an exposed metal paddle that must be
connected to RF Ground.
Application Circuit
Recommended Component Values
C1, C2
100 pF ± 10%
C3
1,000 pF ± 10%
C4
330 pF ± 10%
R1 - R5
100 Ohm ± 10%


Similar Part No. - HMC539ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC539LP3 HITTITE-HMC539LP3 Datasheet
353Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
HMC539LP3 HITTITE-HMC539LP3 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC539LP3E HITTITE-HMC539LP3E Datasheet
353Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
HMC539LP3E HITTITE-HMC539LP3E Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
More results

Similar Description - HMC539ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC539LP3 HITTITE-HMC539LP3 Datasheet
353Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC603MS10 HITTITE-HMC603MS10_08 Datasheet
236Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com