Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC273AMS10GE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC273AMS10GE
Description  1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC273AMS10GE Datasheet(HTML) 1 Page - Analog Devices

  HMC273AMS10GE Datasheet HTML 1Page - Analog Devices HMC273AMS10GE Datasheet HTML 2Page - Analog Devices HMC273AMS10GE Datasheet HTML 3Page - Analog Devices HMC273AMS10GE Datasheet HTML 4Page - Analog Devices HMC273AMS10GE Datasheet HTML 5Page - Analog Devices HMC273AMS10GE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HMC273AMS10GE
v05.0416
1 dB LSB GaaS MMIC 5-BIT dIGITaL
aTTENUaTOR, 0.7 - 3.8 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
General description
Features
Functional diagram
RoHs Compliant Product
1 dB LSB Steps to 31 dB
Single Positive Control Per BIT
±0.2 dB Typical Bit Error
Miniature MSOP 10 Package: 14.8mm2
Included in the HMC-DK004 Designer’s Kit
Electrical Specifications,
T
a = +25° C, Vdd = +3V to +5V & Vctl = 0/Vdd (Unless Otherwise Stated)
Typical applications
The HMC273AMS10G(E) is a general purpose
broadband 5-Bit positive control GaAs IC digital
attenuator in a 10 lead MSOP plastic package.
Covering 0.7 to 3.8 GHz, the insertion loss is typically
less than 3 dB.
The attenuator bit values are
1 (LSB), 2, 4, 8, and 16 dB for a total attenuation
of 31 dB. Accuracy is excellent at ±0.2 dB typical
with an IIP3 of up to +46 dBm. Five bit control vol-
tage inputs, toggled between 0 and +3 to +5 volts, are
used to select each attenuation state. A single Vdd
bias of +3 to +5 volts applied through an external
5K Ohm resistor is required.
The HMC273AMS10G(E) is ideal for:
• Cellular; UMTS/3G Infrastructure
• ISM, MMDS, WLAN, WiMAX
• Microwave Radio & VSAT
• Test Equipment and Sensors
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.8 GHz
1.8
2.3
2.5
2.9
2.4
2.9
3.1
3.5
dB
dB
dB
dB
dB
Attenuation Range
0.7 - 3.8 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4 GHz
1.4 - 2.7 GHz
2.7 - 3.8 GHz
10
11
12
14
15
16
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
All Attenuation States
All Attenuation States
All Attenuation States
0.7 - 1.4 GHz
1.4 - 2.2 GHz
2.2 - 2.7 GHz
2.7 - 3.8 GHz
± (0.30 + 3% of Atten. Setting) Max
± (0.30 + 4% of Atten. Setting) Max
± (0.40 + 5% of Atten. Setting) Max
± (0.50 + 5% of Atten. Setting) Max
dB
dB
dB
dB
Input Power for 0.1 dB Compression
Vdd = 5V
Vdd = 3V
0.7 - 3.8 GHz
28
26
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
Vdd = 5V
Vdd = 3V
0.7 - 3.8 GHz
46
45
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.7 - 3.8 GHz
1250
1300
ns
ns


Similar Part No. - HMC273AMS10GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
259Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10GE HITTITE-HMC273MS10GE Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results

Similar Description - HMC273AMS10GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC273MS10G HITTITE-HMC273MS10G_08 Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10GE HITTITE-HMC273MS10GE Datasheet
257Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC273MS10G HITTITE-HMC273MS10G_07 Datasheet
259Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC603QS16 HITTITE-HMC603QS16 Datasheet
341Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com