Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC8038LP4CETR Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8038LP4CETR
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8038LP4CETR Datasheet(HTML) 4 Page - Analog Devices

  HMC8038LP4CETR Datasheet HTML 1Page - Analog Devices HMC8038LP4CETR Datasheet HTML 2Page - Analog Devices HMC8038LP4CETR Datasheet HTML 3Page - Analog Devices HMC8038LP4CETR Datasheet HTML 4Page - Analog Devices HMC8038LP4CETR Datasheet HTML 5Page - Analog Devices HMC8038LP4CETR Datasheet HTML 6Page - Analog Devices HMC8038LP4CETR Datasheet HTML 7Page - Analog Devices HMC8038LP4CETR Datasheet HTML 8Page - Analog Devices HMC8038LP4CETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HMC8038
Data Sheet
Rev. A | Page 4 of 11
Table 2. Digital Control Voltages
State
VDD = 3.3 V (±5% VDD, TCASE = −40°C to +105°C)
VDD = 5 V (±5% VDD, TCASE = −40°C to +105°C)
Input Control Voltage
Low (VIL)
0 V to 0.85 V at <1 µA, typical
0 V to 1.20 V at <1 µA, typical
High (VIH)
1.15 V to 3.3 V at <1 µA, typical
1.55 V to 5.0 V at <1 µA, typical
Table 3. Bias Voltage vs. Supply Current
Parameter
Symbol
Min
Typ
Max
Unit
Typical IDD (mA)
SUPPLY CURRENT
IDD
VDD = 3.3 V
0.14
mA
0.14
VDD = 5 V
0.16
mA
0.16


Similar Part No. - HMC8038LP4CETR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC802ALP3E AD-HMC802ALP3E Datasheet
532Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
   0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
More results

Similar Description - HMC8038LP4CETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
   Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
   0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
   0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
Analog Devices
HMC347B AD-HMC347B Datasheet
208Kb / 10P
   GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
   0.1 GHz ??6.0 GHz SPDT Switch
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
   0.1 to 6.0 GHz SPDT Switch
SKYA21013 SKYWORKS-SKYA21013 Datasheet
616Kb / 9P
   0.1 to 6.0 GHz SPDT Switch
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
   SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
Skyworks Solutions Inc.
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com