Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1118LP3DETR Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1118LP3DETR
Description  High Isolation, Silicon SPDT, Nonrefective Switch, 9 kHz to 13.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1118LP3DETR Datasheet(HTML) 2 Page - Analog Devices

  HMC1118LP3DETR Datasheet HTML 1Page - Analog Devices HMC1118LP3DETR Datasheet HTML 2Page - Analog Devices HMC1118LP3DETR Datasheet HTML 3Page - Analog Devices HMC1118LP3DETR Datasheet HTML 4Page - Analog Devices HMC1118LP3DETR Datasheet HTML 5Page - Analog Devices HMC1118LP3DETR Datasheet HTML 6Page - Analog Devices HMC1118LP3DETR Datasheet HTML 7Page - Analog Devices HMC1118LP3DETR Datasheet HTML 8Page - Analog Devices HMC1118LP3DETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
HMC1118
Data Sheet
Rev. 0 | Page 2 of 11
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Digital Control Voltages .............................................................. 4
Bias and Supply Current.............................................................. 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions..............................6
Interface Schematics .....................................................................6
Typical Performance Characteristics ..............................................7
Insertion Loss, Return Loss, and Isolation ................................7
Input Compression Point and Input Third-Order Intercept...8
Theory of Operation .........................................................................9
Applications Information .............................................................. 10
Evaluation PCB........................................................................... 10
Outline Dimensions....................................................................... 11
Ordering Guide .......................................................................... 11
REVISION HISTORY
10/15—Revision 0: Initial Version


Similar Part No. - HMC1118LP3DETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC1113LP5E AD-HMC1113LP5E Datasheet
615Kb / 12P
   GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114LP5DE AD-HMC1114LP5DE Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114LP5DETR AD-HMC1114LP5DETR Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
More results

Similar Description - HMC1118LP3DETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
   Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
   Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
logo
Peregrine Semiconductor
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
   SPDT RF Switch, 9 kHz??0 GHz
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
   High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
logo
Peregrine Semiconductor
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
logo
Analog Devices
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
   9 kHz to 30 GHz, Silicon, SP4T Switch
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
   UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com