Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7992 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC7992
Description  Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7992 Datasheet(HTML) 3 Page - Analog Devices

  HMC7992 Datasheet HTML 1Page - Analog Devices HMC7992 Datasheet HTML 2Page - Analog Devices HMC7992 Datasheet HTML 3Page - Analog Devices HMC7992 Datasheet HTML 4Page - Analog Devices HMC7992 Datasheet HTML 5Page - Analog Devices HMC7992 Datasheet HTML 6Page - Analog Devices HMC7992 Datasheet HTML 7Page - Analog Devices HMC7992 Datasheet HTML 8Page - Analog Devices HMC7992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
HMC7992
Rev. 0 | Page 3 of 13
SPECIFICATIONS
VDD = 3.3 V to 5.0 V, VCTL = 0 V/VDD, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INSERTION LOSS
0.1 GHz to 2.0 GHz
0.6
0.9
dB
2.0 GHz to 4.0 GHz
0.7
1.1
dB
4.0 GHz to 6.0 GHz
1.0
1.5
dB
ISOLATION
RFC to RF1to RF4 (Worst Case)
0.1 GHz to 2.0 GHz
40
45
dB
2.0 GHz to 4.0 GHz
32
37
dB
4.0 GHz to 6.0 GHz
25
30
dB
RETURN LOSS
On State
0.1 GHz to 2.0 GHz
25
dB
2.0 GHz to 4.0 GHz
24
dB
4.0 GHz to 6.0 GHz
17
dB
Off State
0.1 GHz to 2.0 GHz
7
dB
0.4 GHz to 1.0 GHz
15
dB
1.0 GHz to 6.0 GHz
20
dB
SWITCHING SPEED
Rise Time and Fall Time
tRISE, tFALL
30
ns
On Time and Off Time
tON, tOFF
10%/90% RFOUT
150
ns
RADIO FREQUENCY (RF) SETTLING TIME
50% VCTL to 0.1 dB margin of final RFOUT
320
ns
INPUT POWER
0.1 GHz to 6.0 GHz
1 dB Compression
P1dB
VDD = 5 V
35
dB
VDD = 3.3 V
33
dB
0.1 dB Compression
P0.1dB
VDD = 5 V
33
dB
VDD = 3.3 V
31
dB
INPUT THIRD-ORDER INTERCEPT
IIP3
0.1 GHz to 6.0 GHz, two-tone input power =
14 dBm/tone
VDD = 5 V
58
dBm
VDD = 3.3 V
56
dBm
RECOMMENDED OPERATING CONDITIONS
Bias Voltage Range
VDD
3.0
5.4
V
Control Voltage Range
VCTL
0
VDD
V
Case Temperature Range
TCASE
−40
+105
°C
Maximum RF Input Power
0.1 GHz to 6.0 GHz
Through Path
VDD/VCTL = 5 V, TCASE = 105°C
30
dBm
VDD/VCTL = 5 V, TCASE = −40°C to +85°C
33
dBm
VDD/VCTL = 3.3 V, TCASE = 105°C
29
dBm
VDD/VCTL = 3.3 V, TCASE = −40°C to +85°C
32
dBm
Terminated Path
VDD/VCTL = 3.3 V to 5 V, TCASE = 105°C
21
dBm
VDD/VCTL = 3.3 V to 5 V, TCASE = 85°C
24
dBm
VDD/VCTL = 3.3 V to 5 V, TCASE = 25°C
27
dBm
VDD/VCTL = 3.3 V to 5 V, TCASE = −40°C
27
dBm
Hot Switching
VDD/VCTL = 3.3 V to 5 V, TCASE = 105°C
24
dBm
VDD/VCTL = 3.3 V to 5 V, TCASE = −40°C to +85°C
27
dBm


Similar Part No. - HMC7992

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E Datasheet
464Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
HMC799LP3E HITTITE-HMC799LP3E Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
HMC799LP3E HITTITE-HMC799LP3E Datasheet
849Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC799LP3E AD-HMC799LP3E Datasheet
742Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
v01.1009
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_1 Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - HMC7992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
   High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
logo
Analog Devices
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
   Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
   Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
   Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
   Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
   Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
HMC347B AD-HMC347B Datasheet
208Kb / 10P
   GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com