Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1055 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1055
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055 Datasheet(HTML) 2 Page - Analog Devices

  HMC1055 Datasheet HTML 1Page - Analog Devices HMC1055 Datasheet HTML 2Page - Analog Devices HMC1055 Datasheet HTML 3Page - Analog Devices HMC1055 Datasheet HTML 4Page - Analog Devices HMC1055 Datasheet HTML 5Page - Analog Devices HMC1055 Datasheet HTML 6Page - Analog Devices HMC1055 Datasheet HTML 7Page - Analog Devices HMC1055 Datasheet HTML 8Page - Analog Devices HMC1055 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HMC1055
Data Sheet
Rev. A | Page 2 of 10
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics .....................................................................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................8
Applications Information .................................................................9
Evaluation Printed Circuit Board (PCB)....................................9
Evaluation Board Schematic and Artwork ................................9
Outline Dimensions....................................................................... 10
Ordering Guide .......................................................................... 10
REVISION HISTORY
2/16—v00.0912 to Rev. A
This Hittite Microwave Products data sheet has been reformatted
to meet the styles and standards of Analog Devices, Inc.
Changed NC to NIC...................................................... Throughout
Changes to Title, Features Section, Applications Section,
Figure 1, and General Description Section................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Added Figure 2; Renumbered Sequentially .................................. 5
Changes to Table 3............................................................................ 5
Deleted Typical Application Circuit............................................... 5
Changes to Figure 5...........................................................................6
Changes to Figure 11 and Figure 12 ...............................................7
Changes to Theory of Operation Section and Table 4 .................8
Added Applications Information Section, Evaluation Printed
Circuit Board Section, Evaluation Board Schematic and
Artwork Section, and Figure 13; Renumbered Sequentially .......9
Changes to Table 5.............................................................................9
Updated Outline Dimensions....................................................... 10
Changes to Ordering Guide.......................................................... 10


Similar Part No. - HMC1055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1055 ETC1-HMC1055 Datasheet
406Kb / 12P
   3-AXIS COMPASS SENSOR SET
logo
Hittite Microwave Corpo...
HMC1055LP2CE HITTITE-HMC1055LP2CE Datasheet
830Kb / 6P
   Automotive Telematics
More results

Similar Description - HMC1055

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
   0.5 to 4.0 GHz SPST Switch, 50 Terminated
logo
Tyco Electronics
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
   GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
Tyco Electronics
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
   GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
   GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
   GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Skyworks Solutions Inc.
AS156-73 SKYWORKS-AS156-73 Datasheet
116Kb / 4P
   GaAs IC SPST Switch Single Positive Control 0.5-2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com