Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC221BTR Datasheet(PDF) 2 Page - Analog Devices

Part # HMC221BTR
Description  GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC221BTR Datasheet(HTML) 2 Page - Analog Devices

  HMC221BTR Datasheet HTML 1Page - Analog Devices HMC221BTR Datasheet HTML 2Page - Analog Devices HMC221BTR Datasheet HTML 3Page - Analog Devices HMC221BTR Datasheet HTML 4Page - Analog Devices HMC221BTR Datasheet HTML 5Page - Analog Devices HMC221BTR Datasheet HTML 6Page - Analog Devices HMC221BTR Datasheet HTML 7Page - Analog Devices HMC221BTR Datasheet HTML 8Page - Analog Devices HMC221BTR Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HMC221B
Data Sheet
Rev. A | Page 2 of 9
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Interface Schematics..................................................................... 5
 
Typical Performance Characteristics ..............................................6
 
Insertion Loss, Return Loss, and Isolation ................................6
 
Input Power Compression and Third-Order Intercept............7
 
Applications Information .................................................................8
 
Evaluation Printed Circuit Board (PCB) ...................................8
 
Typical Application Circuit..........................................................8
 
Bill of Materials..............................................................................8
 
Outline Dimensions ..........................................................................9
 
Ordering Guide .............................................................................9
 
REVISION HISTORY
4/16—v01.1215 to Rev. A
This Hittite Microwave Products data sheet has been reformatted
to meet the styles and standards of Analog Devices, Inc.
Changed SOT26 to SOT-23.......................................... Throughout
Changes to Title, Feature Section, and General Description
Section................................................................................................ 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Added Table 3; Renumbered Sequentially, Interface Schematics
Section, and Figure 3 to Figure 6; Renumbered Sequentially .....5
Changes to Table 4.............................................................................5
Added Insertion Loss, Return Loss, and Isolation Section..........6
Added Input Power Compression and Third-Order Intercept
Section and Figure 10 and Figure 12 ..............................................7
Changes to Typical Application Circuit Section and Figure 15 ........8
Updated Outline Dimensions..........................................................9
Changes to Ordering Guide .............................................................9


Similar Part No. - HMC221BTR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
272Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
201Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
More results

Similar Description - HMC221BTR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC545A AD-HMC545A Datasheet
341Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com