Electronic Components Datasheet Search |
|
ADV3224 Datasheet(PDF) 4 Page - Analog Devices |
|
ADV3224 Datasheet(HTML) 4 Page - Analog Devices |
4 / 24 page ADV3224/ADV3225 Data Sheet Rev. B | Page 4 of 24 ADV3224 ADV3225 Parameter Test Conditions/Comments Min Typ Max Min Typ Max Unit POWER SUPPLIES Supply Current AVCC, outputs enabled, no load 52 70 58 70 mA AVCC, outputs disabled 12 18 13 18 mA AVEE, outputs enabled, no load 52 70 58 70 mA AVEE, outputs disabled 12 18 14 18 mA DVCC, outputs enabled, no load 6 6 mA Supply Voltage Range ±4.5 ±5 ±5.5 ±4.5 ±5 ±5.5 V PSRR DC to 50 kHz, AVCC, AVEE <−60 <−60 dB f = 100 kHz, AVCC, AVEE −60 −60 dB f = 10 MHz, AVCC −48 −35 dB f = 10 MHz, AVEE −35 −55 dB f = 100 MHz, AVCC −25 −15 dB f = 100 MHz, AVEE −15 −15 dB f = 100 kHz, DVCC −90 −90 dB OPERATING TEMPERATURE RANGE Temperature Range Operating (still air) −40 +85 −40 +85 °C θJA Operating (still air) 29 29 °C/W |
Similar Part No. - ADV3224 |
|
Similar Description - ADV3224 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |