Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ1-3514-SMT-TR-RE Datasheet(PDF) 1 Page - CUI INC

Part # SJ1-3514-SMT-TR-RE
Description  3.5 MM AUDIO JACKS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-3514-SMT-TR-RE Datasheet(HTML) 1 Page - CUI INC

  SJ1-3514-SMT-TR-RE Datasheet HTML 1Page - CUI INC SJ1-3514-SMT-TR-RE Datasheet HTML 2Page - CUI INC SJ1-3514-SMT-TR-RE Datasheet HTML 3Page - CUI INC SJ1-3514-SMT-TR-RE Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 05/01/2015
page 1 of 4
cui.com
SERIES: SJ1-351X-SMT
│ DESCRIPTION: 3.5 MM AUDIO JACKS
FEATURES
• low profile design
• switch options include:
– no switch
– tip switch
– tip and ring switch
• gold flash
• plastic housing
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Notes:
1. When measured at a current of less than 100 mA / 1 kHz
PART NUMBER KEY
SJ1-351 X-SMT-X-X
Switch Options
3 = no switch
4 = tip switch
5 = tip and ring switch
Base Number
Color Options
"blank" = black
BE = blue*
GR = green*
PI = pink*
Package Options
"blank" = standard
TR = Tape & Reel
*tip and ring switch model only
For more information, please visit the product page.


Similar Part No. - SJ1-3514-SMT-TR-RE

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ1-3514-SMT-TR-BE CUID-SJ1-3514-SMT-TR-BE Datasheet
554Kb / 4P
   AUDIO JACK
03/08/2023
SJ1-3514-SMT-TR-GR CUID-SJ1-3514-SMT-TR-GR Datasheet
554Kb / 4P
   AUDIO JACK
03/08/2023
SJ1-3514-SMT-TR-PI CUID-SJ1-3514-SMT-TR-PI Datasheet
554Kb / 4P
   AUDIO JACK
03/08/2023
More results

Similar Description - SJ1-3514-SMT-TR-RE

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
   3.5 MM AUDIO JACKS
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
   3.5 mm Audio Jacks
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-353XN CUI-SJ1-353XN Datasheet
310Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-351XN-17 CUI-SJ1-351XN-17 Datasheet
331Kb / 3P
   3.5 MM AUDIO JACKS
SJ-352X-SMT CUI-SJ-352X-SMT Datasheet
168Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com