Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U324-06N-BK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U324-06N-BK
Description  USB 3.0 SuperSpeed Type-A Extension Cable (M/F), Black, 6 in.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U324-06N-BK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U324-06N-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U324-06N-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.0 SuperSpeed Type-A Extension Cable (M/F),
Black, 6 in.
MODEL NUMBER: U324-06N-BK
Description
The Tripp Lite U324-06N-BK USB 3.0 SuperSpeed Type-A Extension Cable (M/F) attaches to your current USB 3.0 cable to extend it by six inches. It supports
data transfer rates up to 5 Gbps—ten times the speed of USB 2.0. The cable’s bi-directional data interface allows data to flow both directions simultaneously,
increasing theoretical bandwidth by ten times.
Backward compatible with earlier USB generations, the U324-06N-BK features premium foil and braid shielding to deliver reliable, error-free signal quality and
protection from EMI/RFI interference. Molded nickel-plated connectors ensure excellent conductivity. Integral strain relief ensures the cable and connectors
last a long time. A rugged PVC jacket protects twisted 28 AWG data lines and 24 AWG power lines.
Features
Extend an Existing USB 3.0 Cable an Extra 6 in.
Female USB-A connector attaches to current USB 3.0 cable
Enjoy SuperSpeed Transfer Rates in High-End Applications
Supports data transfer rates up to 5 Gbps—10X the speed of USB 2.0
Bi-directional interface allows data to flow both directions at the same time, increasing theoretical bandwidth by 10X
Premium Construction for Superior Signal Transfer
Premium foil and braid shielding blocks EMI/RFI interference
Molded nickel-plated connectors ensure excellent connectivity
Integral strain relief for cable and connectors’ long life
Twisted 28/24 AWG data/power lines
Rugged PVC jacket
Specifications
Highlights
Supports data transfer rates up to
5 Gbps
Bi-directional interface allows
data to flow both directions
Backward compatible with
previous USB generations
Double-shielded protection
against EMI/RFI
Molded nickel-plated conductors
Package Includes
U324-06N-BK USB 3.0
SuperSpeed Type-A Extension
Cable (M/F), Black, 6 in.
1 / 2


Similar Part No. - U324-06N-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U324-001-APM TRIPPLITE-U324-001-APM Datasheet
491Kb / 2P
   USB 3.0 SuperSpeed Panel-Mount Type-A Extension Cable (M/F), 1 ft.
U324-001-KPA-BK TRIPPLITE-U324-001-KPA-BK Datasheet
166Kb / 3P
   USB 3.0 All-in-One Keystone/Panel Mount Extension Cable (M/F), Angled Connector, Black, 1 ft.
U324-003-BK TRIPPLITE-U324-003-BK Datasheet
170Kb / 3P
   USB 3.0 SuperSpeed Extension Cable - USB-A to USB-A, M/F, Black, 3 ft. (0.9 m)
U324-003-KJ TRIPPLITE-U324-003-KJ Datasheet
543Kb / 2P
   USB 3.0 SuperSpeed Keystone Jack Type-A Extension Cable (M/F), 3 ft.
U324-006 TRIPPLITE-U324-006 Datasheet
162Kb / 3P
   USB 3.0 SuperSpeed Extension Cable (AA M/F), 6-ft
More results

Similar Description - U324-06N-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U324-006-BK TRIPPLITE-U324-006-BK Datasheet
170Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M/F) Black, 6-ft
U324006BK TRIPPLITE-U324006BK Datasheet
500Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M-F) Black, 6-ft
U324-006 TRIPPLITE-U324-006 Datasheet
162Kb / 3P
   USB 3.0 SuperSpeed Extension Cable (AA M/F), 6-ft
U324006 TRIPPLITE-U324006 Datasheet
492Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M-F), 6-ft
U324-003-BK TRIPPLITE-U324-003-BK Datasheet
170Kb / 3P
   USB 3.0 SuperSpeed Extension Cable - USB-A to USB-A, M/F, Black, 3 ft. (0.9 m)
U324-001-APM TRIPPLITE-U324-001-APM Datasheet
491Kb / 2P
   USB 3.0 SuperSpeed Panel-Mount Type-A Extension Cable (M/F), 1 ft.
U324-003-KJ TRIPPLITE-U324-003-KJ Datasheet
543Kb / 2P
   USB 3.0 SuperSpeed Keystone Jack Type-A Extension Cable (M/F), 3 ft.
U324-006-DSK1 TRIPPLITE-U324-006-DSK1 Datasheet
184Kb / 3P
   1-Port USB 3.0 SuperSpeed Desktop Extension Cable (M/F), 6 ft.
U324010 TRIPPLITE-U324010 Datasheet
491Kb / 2P
   USB 3.0 SuperSpeed Extension Cable (AA M-F),10-ft
U324-010 TRIPPLITE-U324-010 Datasheet
162Kb / 3P
   USB 3.0 SuperSpeed Extension Cable (AA M/F), 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com