Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8778060500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8778060500
Description  22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8778060500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8778060500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8778060500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8778060500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ind. Pair Nominal Shield DC Resistance @ 20
Deg. C:
34.779 Ohm/km
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 2919)
300 V RMS (CM)
Max. Recommended Current:
Current
2 Amps per conductor @ 25°C
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8778 060100
30 MT
3.583 KG
CHROME
6 FS PR #22 PP PVC
8778 0601000
305 MT
35.380 KG
CHROME
C
6 FS PR #22 PP PVC
8778 060250
76 MT
8.845 KG
CHROME
C
6 FS PR #22 PP PVC
8778 060500
152 MT
18.144 KG
CHROME
C
6 FS PR #22 PP PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 04-18-2008
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8778 Multi-Conductor - CM Rated Cable


Similar Part No. - 8778060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8778060500 ETC1-8778060500 Datasheet
33Kb / 3P
   CM Rated Cable
8778060500 ETC2-8778060500 Datasheet
33Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
More results

Similar Description - 8778060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28480 ETC2-28480 Datasheet
33Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1351870 ETC2-1351870 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344544 ETC2-1344544 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
28477 ETC2-28477 Datasheet
33Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com