Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9730060500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9730060500
Description  24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9730060500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9730060500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9730060500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9730060500 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9730060500 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ind. Pair Nominal Shield DC Resistance @ 20
Deg. C:
49.215 Ohm/km
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
.384
2.42794
.7056
2.85447
.768
2.88728
1.024
3.08414
1.4112
3.31381
1.536
3.37943
2.048
3.70753
2.8224
4.23249
3.072
4.42935
4.096
5.15117
5.6448
5.84018
6.144
6.03704
8.192
6.98853
11.2896
8.03845
12.288
8.43217
24.576
11.7132
Max. Operating Voltage - UL:
Voltage
300 V RMS (UL AWM Style 2493)
Max. Recommended Current:
Current
2.5 Amps per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data
handling. Physical properties include good crush resistance and light weight.
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9730 060100
30 MT
2.313 KG
CHROME
3 FS PR #24 FHDPE PVC
9730 0601000
305 MT
20.865 KG
CHROME
C
3 FS PR #24 FHDPE PVC
9730 06010000
3,048 MT
235.869 KG
CHROME
C Y
3 FSPR #24 FHDPE PVC
9730 060500
152 MT
11.113 KG
CHROME
C
3 FS PR #24 FHDPE PVC
Notes:
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN.MAY CONTAIN 2 PIECES. MINIMUM LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 04-17-2008
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
Page 3 of 4
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9730 Multi-Conductor - Multi-Pair Snake Cable


Similar Part No. - 9730060500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9730 BELDEN-9730 Datasheet
198Kb / 2P
   RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9730.001000 BELDEN-9730.001000 Datasheet
198Kb / 2P
   RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9730.00152 BELDEN-9730.00152 Datasheet
198Kb / 2P
   RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9730.0030 BELDEN-9730.0030 Datasheet
198Kb / 2P
   RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9730.00305 BELDEN-9730.00305 Datasheet
198Kb / 2P
   RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
More results

Similar Description - 9730060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
9729 ETC2-9729 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com