Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9116Q5HU1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9116Q5HU1000
Description  Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9116Q5HU1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9116Q5HU1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9116Q5HU1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9116Q5HU1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Sweep Test
Sweep Testing:
5 MHz - 1 GHz
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9116 Q5HU1000
305 MT
13.154 KG
WHITE, NEUTRAL
#18 GIFHDLDPE SH PVC
9116 Q5H1000
305 MT
13.608 KG
WHITE, NEUTRAL
#18 GIFHDLDPE SH PVC
9116 009U1000
305 MT
13.154 KG
WHITE
#18 GIFHDLDPE SH PVC
9116 0091000
305 MT
13.608 KG
WHITE
#18 GIFHDLDPE SH PVC
9116 009500
152 MT
7.031 KG
WHITE
#18 GIFHDLDPE SH PVC
9116 010S700
213 MT
8.573 KG
BLACK
#18 GIFHDLDPE SH PVC
9116 010U1000
305 MT
13.154 KG
BLACK
#18 GIFHDLDPE SH PVC
9116 010U500
152 MT
6.804 KG
BLACK
.18 GIFHDLDPE SH PVC
9116 0101000
305 MT
13.608 KG
BLACK
C
#18 GIFHDLDPE SH PVC
9116 010500
152 MT
7.031 KG
BLACK
#18 GIFHDLDPE SH PVC
9116 290U1000
305 MT
13.154 KG
BEIGE, LIGHT
#18 GIFHDLDPE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 04-26-2010
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9116 Coax - CATV Cable


Similar Part No. - 9116Q5HU1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9116 ETC1-9116 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
9116 ETC2-9116 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
9116 ETC2-9116 Datasheet
732Kb / 5P
   Multi-ranging operation (output up to max power rating within maximum voltage and
logo
B&K Precision Corporati...
9116 BK-9116 Datasheet
742Kb / 5P
   Multi-Range Programmable DC Power Supplies
logo
Enercon Technologies Eu...
9116 ENERCON-9116 Datasheet
786Kb / 3P
   Military Managed 12 X 10G Copper Ports 10G F/O Ports
More results

Similar Description - 9116Q5HU1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
   Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com