Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4023BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4023BC
Description  Buffered Triple 3-Input NAND,NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4023BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4023BC Datasheet HTML 1Page - National Semiconductor (TI) CD4023BC Datasheet HTML 2Page - National Semiconductor (TI) CD4023BC Datasheet HTML 3Page - National Semiconductor (TI) CD4023BC Datasheet HTML 4Page - National Semiconductor (TI) CD4023BC Datasheet HTML 5Page - National Semiconductor (TI) CD4023BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF RL e 200k unless otherwise specified
CD4023BC
CD4025BC
Symbol
Parameter
Conditions
CD4023BM
CD4025BM
Units
Min
Typ
Max
Min
Typ
Max
tPHL
Propagation Delay High-to-Low Level
VDD e 5V
130
250
130
250
ns
VDD e 10V
60
100
60
100
ns
VDD e 15V
40
70
40
70
ns
tPLH
Propagation Delay Low-to-High Level
VDD e 5V
110
250
120
250
ns
VDD e 10V
50
100
60
100
ns
VDD e 15V
35
70
40
70
ns
tTHL
Transition Time
VDD e 5V
90
200
90
200
ns
tTLH
VDD e 10V
50
100
50
100
ns
VDD e 15V
40
80
40
80
ns
CIN
Average Input Capacitance
Any Input
5
75
5
75
pF
CPD
Power Dissipation Capacity (Note 4)
Any Gate
17
17
pF
AC Parameters are guaranteed by DC correlated testing
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application
Note AN-90
4


Similar Part No. - CD4023BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4023BC FAIRCHILD-CD4023BC Datasheet
68Kb / 6P
   Buffered Triple 3-Input NAND Gate
CD4023BCM FAIRCHILD-CD4023BCM Datasheet
68Kb / 6P
   Buffered Triple 3-Input NAND Gate
CD4023BCN FAIRCHILD-CD4023BCN Datasheet
68Kb / 6P
   Buffered Triple 3-Input NAND Gate
CD4023BCS FAIRCHILD-CD4023BCS Datasheet
68Kb / 6P
   Buffered Triple 3-Input NAND Gate
More results

Similar Description - CD4023BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4023M NSC-CD4023M Datasheet
112Kb / 6P
   Triple 3-Input NAND(NOR) Gate
logo
Fairchild Semiconductor
CD4023BC FAIRCHILD-CD4023BC Datasheet
68Kb / 6P
   Buffered Triple 3-Input NAND Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com