Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1351331 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1351331
Description  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1351331 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 1351331 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1351331 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.48
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
18 AWG Triads Stranded (19x30) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9493
1
E1
U-500
U-152.4
20.0
9.1
.037
.94
.242
6.15
62
276
2.25
57.15
U-1000
U-304.8
38.0
17.2
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9365
1
E1
U-500
U-152.4
22.0
10.0
.037
.94
.245
6.22
74
329
2.50
63.50
U-1000
U-304.8
43.0
19.5
18 AWG Triads Stranded (7x26) Bare Copper Conductors • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1036A
1
E1
1000
304.8
43.0
19.5
.037
.94
.236
5.99
90
400
2.40
60.96
10000
3048.0
430.0
195.1
3027A
2
E1
Bulk ††
Bulk
.055
1.40
.420
10.67
165
734
4.25
107.95
3030A
4
E1
Bulk ††
Bulk
.055
1.40
.521
13.20
240
1068
4.50
114.30
3032A
8
E1
Bulk ††
Bulk
.064
1.63
.580
14.70
501
2229
5.75
146.05
3036A
16
E1
Bulk ††
Bulk
.077
1.96
.900
22.86
1050
4671
9.00
228.60
3038A
24
E1
Bulk ††
Bulk
.077
1.96
1.020
25.91
1450
6450
10.25
260.35
Individually Shielded + Overall Beldfoil (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below)
3028A
2
E1
Bulk ††
Bulk
.055
1.40
.450
11.43
175
779
4.50
114.30
3031A
4
E1
Bulk ††
Bulk
.053
1.35
.533
13.50
255
1134
5.25
133.35
3033A
8
E1
Bulk ††
Bulk
.064
1.63
.654
16.50
560
2491
6.50
165.10
3068A
12
E1
Bulk ††
Bulk
.063
1.60
.840
21.30
800
3559
8.50
215.90
3037A
16
E1
Bulk ††
Bulk
.074
1.88
.974
24.70
1320
5872
10.50
266.70
3039A
24
E1
Bulk ††
Bulk
.074
1.88
1.200
30.50
1620
7207
11.25
285.75
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Triads
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Drain Wire
Drain Wire
Drain Wires
Rip Cord
Rip Cord
Communication Wire
Communication Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:


Similar Part No. - 1351331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
More results

Similar Description - 1351331

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com