Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4552 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM4552
Description  802.11a/n/ac Wi-Fi Front End Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4552 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFFM4552 Datasheet HTML 2Page - RF Micro Devices RFFM4552 Datasheet HTML 3Page - RF Micro Devices RFFM4552 Datasheet HTML 4Page - RF Micro Devices RFFM4552 Datasheet HTML 5Page - RF Micro Devices RFFM4552 Datasheet HTML 6Page - RF Micro Devices RFFM4552 Datasheet HTML 7Page - RF Micro Devices RFFM4552 Datasheet HTML 8Page - RF Micro Devices RFFM4552 Datasheet HTML 9Page - RF Micro Devices RFFM4552 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RFFM4552
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFMD + TriQuint = Qorvo
6 of 12
Revision DS20160415
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
Subject to change without notice
Evaluation Board Schematic
Pdet
C_RX
33pF
LNA_EN
ANT
TX
RX
PA_EN
Vdd
1nF
VCC
3
1
12
2
13
11
10
9
8
7
6
5
4
14
15
16
1nF
4.7uF
1uF
10pF


Similar Part No. - RFFM4552

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552PCK-410 QORVO-RFFM4552PCK-410 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552SB QORVO-RFFM4552SB Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552SQ QORVO-RFFM4552SQ Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552SR QORVO-RFFM4552SR Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4552

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4591 RFMD-RFFM4591 Datasheet
574Kb / 8P
   802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com