Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5622 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5622
Description  LINEAR POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5622 Datasheet(HTML) 6 Page - RF Micro Devices

  RF5622_11 Datasheet HTML 1Page - RF Micro Devices RF5622_11 Datasheet HTML 2Page - RF Micro Devices RF5622_11 Datasheet HTML 3Page - RF Micro Devices RF5622_11 Datasheet HTML 4Page - RF Micro Devices RF5622_11 Datasheet HTML 5Page - RF Micro Devices RF5622_11 Datasheet HTML 6Page - RF Micro Devices RF5622_11 Datasheet HTML 7Page - RF Micro Devices RF5622_11 Datasheet HTML 8Page - RF Micro Devices RF5622_11 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RF5622
DS110619
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
1 uF*
22 nH
0.1
F
56 pF*
VREG
VCC
1.8 pF
8.2 nH
5622400, r.3
330 pF
PDETECT
1
2
8
7
5
6
4
3
Bias Circuit
Input
Match
Interstage
Match
Power
Detector
50
 strip
10pF
RF OUT
RF IN
2Fo Filter
*Place as close as
possible to the part.
*Note: The EVM floor may increase if a
smaller value bypass capacitor is used
on the VCC line into pin 6.
1.0 nH


Similar Part No. - RF5622_11

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5622PCBA-41X RFMD-RF5622PCBA-41X Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5622_11

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
   LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
   Linear Power Amplifier
logo
RF Micro Devices
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
   LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
   Linear Power Amplifier
logo
RF Micro Devices
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
   LINEAR POWER AMPLIFIER
RF2137 RFMD-RF2137 Datasheet
54Kb / 4P
   LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
   Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
   Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com