Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5111 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5111
Description  DCS POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5111 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5111_15 Datasheet HTML 1Page - RF Micro Devices RF5111_15 Datasheet HTML 2Page - RF Micro Devices RF5111_15 Datasheet HTML 3Page - RF Micro Devices RF5111_15 Datasheet HTML 4Page - RF Micro Devices RF5111_15 Datasheet HTML 5Page - RF Micro Devices RF5111_15 Datasheet HTML 6Page - RF Micro Devices RF5111_15 Datasheet HTML 7Page - RF Micro Devices RF5111_15 Datasheet HTML 8Page - RF Micro Devices RF5111_15 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF5111
Rev A1
DS150909
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Control
Power Control “ON”
3.0
V
Maximum P
OUT, Voltage supplied to the input
Power Control “OFF”
0.3
0.5
V
Minimum P
OUT, Voltage supplied to the input
Power Control Range
62
68
dB
V
APC1,2 = 0.3 V to 2.8 V, VAT_EN =2.7V,
P
IN =+8dBm
Gain Control Slope
100
dB/V
P
OUT =-10 dBm to +33 dBm
APC Input Capacitance
10
pF
DC to 2MHz
APC Input Current
4.5
5
mA
V
APC1,2 =2.8V
10
μAV
APC1,2 =0V
Turn On/Off Time
100
ns
Power Supply
Power Supply Voltage
3.5
V
Specifications
2.7
4.8
V
Nominal operating limits, P
OUT <+33dBm
5.5
V
With maximum output load VSWR 6:1,
P
OUT <+33dBm
Power Supply Current
1.3
A
DC Current at P
OUT,MAX
5
295
mA
Idle Current, P
IN <-30 dBm, VAPC =2.6V
110
μAP
IN <-30dBm, VAPC1,2 =0.2V
110
μAP
IN <-30dBm, VAPC1,2 =0.2V, Temp =+85°C


Similar Part No. - RF5111_15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
   3V DCS POWER AMPLIFIER
More results

Similar Description - RF5111_15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
   3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
   3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111 Datasheet
171Kb / 14P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
   3V DCS POWER AMPLIFIER
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
Skyworks Solutions Inc.
AP132-317 SKYWORKS-AP132-317 Datasheet
32Kb / 3P
   3 V InGaP DCS Power Amplifier
logo
NXP Semiconductors
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
   DCS/PCS 2 W power amplifier
1997 Apr 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com