Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPC6614 Datasheet(PDF) 4 Page - RF Micro Devices

Part # QPC6614
Description  Digital Step Attenuator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPC6614 Datasheet(HTML) 4 Page - RF Micro Devices

  QPC6614 Datasheet HTML 1Page - RF Micro Devices QPC6614 Datasheet HTML 2Page - RF Micro Devices QPC6614 Datasheet HTML 3Page - RF Micro Devices QPC6614 Datasheet HTML 4Page - RF Micro Devices QPC6614 Datasheet HTML 5Page - RF Micro Devices QPC6614 Datasheet HTML 6Page - RF Micro Devices QPC6614 Datasheet HTML 7Page - RF Micro Devices QPC6614 Datasheet HTML 8Page - RF Micro Devices QPC6614 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Revision DS20150821
- 4 of 15 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPC6614
RF Performance Plots


Similar Part No. - QPC6614

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC6614 QORVO-QPC6614 Datasheet
2Mb / 16P
   5 MHz to 6000 MHz Digital Step Attenuators
October 26, 2020
QPC6614PCK401 QORVO-QPC6614PCK401 Datasheet
2Mb / 16P
   5 MHz to 6000 MHz Digital Step Attenuators
October 26, 2020
QPC6614TR13 QORVO-QPC6614TR13 Datasheet
2Mb / 16P
   5 MHz to 6000 MHz Digital Step Attenuators
October 26, 2020
More results

Similar Description - QPC6614

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com