Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70-06 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS70-06
Description  Surface mount Schottky-Barrier Single-/ Double-Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS70-06 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS70-06 Datasheet HTML 1Page - Diotec Semiconductor BAS70-06 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300 ••
s, duty cycle
••2% – Gemessen mit Impulsen t
p = 300 ••
s, Schaltverhältnis
••2%
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9
BAS70 ...-04 ...-05 ...-06
Schottky-Diodes
Surface mount Schottky-Barrier Single-/ Double-Diodes
Schottky-Barrier Einzel-/ Doppel-Diodenfür die Oberflächenmontage
Version 2004-04-09
Power dissipation
310 mW
Verlustleistung
Repetitive peak reverse voltage
40 V
Periodische Spitzensperrspannung
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Dimensions / Maße in mm
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25 C)
Grenzwerte (T
A = 25 C)
per diode / pro Diode
BAS70-series
Power dissipation – VerlustleistungP
tot
310 mW 1)
Max. average forward current (dc)
Dauergrenzstrom
I
FAV
200 mA 1)
Repetitive peak forward current
Periodischer Spitzenstrom
I
FRM
300 mA 1)
Peak forward surge current t
p ••1 s
Stoßstrom-Grenzwert
I
FSM
500 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM
70 V
Junction temperature – SperrschichttemperaturT
j
150
••C
Storage temperature – LagerungstemperaturT
S
- 55…+ 150
••C
Characteristics (T
j = 25 C)
Kennwerte (T
j = 25 C)
Forward voltage - Durchlaßspannung 2)I
F = 1 mA
I
F = 15 mA
V
F
V
F
< 410 mV
< 1000 mV
Leakage current - Sperrstrom 2)V
R = 50 VIR
< 100 nA


Similar Part No. - BAS70-06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS70-06 VISHAY-BAS70-06 Datasheet
323Kb / 4P
   Small Signal Schottky Diodes
Rev. 2.0, 25-Feb-13
logo
NXP Semiconductors
BAS70-06 PHILIPS-BAS70-06 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
SHENZHEN KOO CHIN ELECT...
BAS70-06 KOOCHIN-BAS70-06 Datasheet
245Kb / 2P
   SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAS70-06 TEL-BAS70-06 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
Taiwan Semiconductor Co...
BAS70-06 TSC-BAS70-06 Datasheet
114Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
More results

Similar Description - BAS70-06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
BAS40 DIOTEC-BAS40_15 Datasheet
153Kb / 2P
   Surface Mount Schottky Barrier Single/Double Diodes
BAS40 DIOTEC-BAS40_05 Datasheet
143Kb / 2P
   Surface Mount Schottky Barrier Single/Double Diodes
BAS40 DIOTEC-BAS40 Datasheet
248Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
BAT54W DIOTEC-BAT54W Datasheet
149Kb / 2P
   Surface Mount Schottky-Barrier Double-Diodes
BAT54W DIOTEC-BAT54W Datasheet
384Kb / 2P
   Surface mount Schottky-Barrier Double-Diodes
BAT54 DIOTEC-BAT54_11 Datasheet
162Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
BAS70 DIOTEC-BAS70_10 Datasheet
149Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com