Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ10N65-BL Datasheet(PDF) 6 Page - Nanjing International Group Co

Part # NJ10N65-BL
Description  10A 650V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ10N65-BL Datasheet(HTML) 6 Page - Nanjing International Group Co

  NJ10N65-BL Datasheet HTML 1Page - Nanjing International Group Co NJ10N65-BL Datasheet HTML 2Page - Nanjing International Group Co NJ10N65-BL Datasheet HTML 3Page - Nanjing International Group Co NJ10N65-BL Datasheet HTML 4Page - Nanjing International Group Co NJ10N65-BL Datasheet HTML 5Page - Nanjing International Group Co NJ10N65-BL Datasheet HTML 6Page - Nanjing International Group Co NJ10N65-BL Datasheet HTML 7Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPICAL CHARACTERISTICS
NJ10N65 POWER MOSFET


Similar Part No. - NJ10N65-BL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60-BL DGNJDZ-NJ10N60-BL Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60-LI DGNJDZ-NJ10N60-LI Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60F-LI DGNJDZ-NJ10N60F-LI Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ10N65-BL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65 UTC-10N65 Datasheet
341Kb / 8P
   10A, 650V N-CHANNEL POWER MOSFET
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
   N-Channel Power MOSFET (650V,10A)
logo
Central Semiconductor C...
PB_CDM22010-1509 CENTRAL-PB_CDM22010-1509 Datasheet
1Mb / 2P
   650V, 10A N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOT10N65 AOSMD-AOT10N65 Datasheet
214Kb / 6P
   650V,10A N-Channel MOSFET
AOW10N65 AOSMD-AOW10N65 Datasheet
347Kb / 6P
   650V,10A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com