Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ10N65 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # NJ10N65
Description  10A 650V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ10N65 Datasheet(HTML) 1 Page - Nanjing International Group Co

  NJ10N65 Datasheet HTML 1Page - Nanjing International Group Co NJ10N65 Datasheet HTML 2Page - Nanjing International Group Co NJ10N65 Datasheet HTML 3Page - Nanjing International Group Co NJ10N65 Datasheet HTML 4Page - Nanjing International Group Co NJ10N65 Datasheet HTML 5Page - Nanjing International Group Co NJ10N65 Datasheet HTML 6Page - Nanjing International Group Co NJ10N65 Datasheet HTML 7Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SYMBOL
ORDERING INFORMATION
Pin Assignment
1
2
3
Packing
NJ10N65-LI
TO-
220
NJ10N65-BL
TO-
220
NJ10N65F-LI
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source
Package
Ordering Number
G
D
S
T
ape Box
G
D
S
Bulk
10A 650V N-CHANNEL POWER MOSFET
NJ10N65 POWER MOSFET
TO-220
F
DESCRIPTION
The NJ10N65 is a high voltage and high current power MOSFET,
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and a high rugged
avalanche characteristics. This power MOSFET is usually used at high
speed switching applications in power supplies, PWM motor controls,
high efficient DC to DC converters and bridge circuits.
FEATURES
* VDS = 6
50V
* ID =
10A
* RDS(ON) =
0.86Ω@VGS = 10V.
*
Low gate charge ( typical 44 nC)
*
Low Crss ( typical 18 pF)
*
Fast switching
*
100% avalanche tested
*
Improved dv/dt capability
TO-220
F
1
TO-220
1


Similar Part No. - NJ10N65

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60-BL DGNJDZ-NJ10N60-BL Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60-LI DGNJDZ-NJ10N60-LI Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60F-LI DGNJDZ-NJ10N60F-LI Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ10N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65 UTC-10N65 Datasheet
341Kb / 8P
   10A, 650V N-CHANNEL POWER MOSFET
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
   10A, 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
   N-Channel Power MOSFET (650V,10A)
logo
Central Semiconductor C...
PB_CDM22010-1509 CENTRAL-PB_CDM22010-1509 Datasheet
1Mb / 2P
   650V, 10A N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOT10N65 AOSMD-AOT10N65 Datasheet
214Kb / 6P
   650V,10A N-Channel MOSFET
AOW10N65 AOSMD-AOW10N65 Datasheet
347Kb / 6P
   650V,10A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com