Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ5N80 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # NJ5N80
Description  5.0A 800V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ5N80 Datasheet(HTML) 3 Page - Nanjing International Group Co

  NJ5N80 Datasheet HTML 1Page - Nanjing International Group Co NJ5N80 Datasheet HTML 2Page - Nanjing International Group Co NJ5N80 Datasheet HTML 3Page - Nanjing International Group Co NJ5N80 Datasheet HTML 4Page - Nanjing International Group Co NJ5N80 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
800
V
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=-0V
25
μA
Forward
VGS=+30V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
3
5
V
VGS=10V, ID=2.5A
2.0
2.5
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.5A, TC=100°C
4
On State Drain Current
ID(ON)
VDS>ID(ON)
RDS(ON)max,VGS=10V
5
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
1190
1450
pF
Output Capacitance
COSS
165
200
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
70
85
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
75
95
nC
Gate to Source Charge
QGS
9
nC
Gate to Drain Charge
QGD
VGS=10V, VDD=500V, ID=6A
(Note 1, 2)
33
nC
Turn-ON Delay Time
tD(ON)
50
65
ns
Rise Time
tR
VDD=400V, ID=2.5A, RG=50
VGS=10V
(Note 1, 2)
85
105
ns
Turn-OFF Delay Time
tD(OFF)
120
150
ns
Fall-Time
tF
VDD=640V, ID=5.5A, RG=50
VGS=10V (Note 1, 2)
30
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=5.5A, VGS=0V
2
V
Reverse Recovery Time
trr
700
ns
Reverse Recovery Charge
QRR
7.7
nC
Reverse Recovery Current
IRRM
ISD=5.5A,dI/dt=100A/μs,
VDD=80V,TJ=150°C (Note 1)
22
A
Source-Drain Current
ISD
5.5
A
Source-Drain Current (Pulsed) (Note 1)
ISDM
20
A
Notes: 1. Pulsed: Pulse duration=300μs, duty cycle 1.5%.
2. Essentially independent of operating temperature
NJ5N80 POWER MOSFET


Similar Part No. - NJ5N80

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
   5.0A 600V N-CHANNEL POWER MOSFET
NJ5N65 DGNJDZ-NJ5N65 Datasheet
662Kb / 6P
   5.0A 650V N-CHANNEL POWER MOSFET
NJ5N65-BL DGNJDZ-NJ5N65-BL Datasheet
662Kb / 6P
   5.0A 650V N-CHANNEL POWER MOSFET
NJ5N65-LI DGNJDZ-NJ5N65-LI Datasheet
662Kb / 6P
   5.0A 650V N-CHANNEL POWER MOSFET
NJ5N65A-LI DGNJDZ-NJ5N65A-LI Datasheet
662Kb / 6P
   5.0A 650V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ5N80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80_13 Datasheet
1Mb / 10P
   800V N-Channel Power MOSFET
logo
Nanjing International G...
NJ5N60 DGNJDZ-NJ5N60 Datasheet
673Kb / 6P
   5.0A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com