Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5256B Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MMSZ5256B
Description  SOD-123 Plastic-Encapsulate Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMSZ5256B Datasheet(HTML) 1 Page - Nanjing International Group Co

  MMSZ5256B Datasheet HTML 1Page - Nanjing International Group Co MMSZ5256B Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-123 Plastic-Encapsulate Diodes
MMSZ5221B-MMSZ5259B ZENER DIODE
FEATURES
• Planar Die Construction
• Ultra-Small Surface Mount Package
• General purpose, Medium Current
• Ideally Suited for Automated Assembly Processes
Maximum Ratings(Ta=25℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation(Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient Air
RθJA
357
℃/W
Operating and Storage Temperature Range
Tj,TSTG
-65~ +150
Notes:1. Device mounted on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2.
2. Tested with pulses, Tp≤1.0ms.
+
-
SOD-123
A,Jun,2011
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - MMSZ5256B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5256B PANJIT-MMSZ5256B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
MMSZ5256B DIOTECH-MMSZ5256B Datasheet
889Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Diotec Semiconductor
MMSZ5256B DIOTEC-MMSZ5256B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5256B PANJIT-MMSZ5256B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5256B PANJIT-MMSZ5256B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5256B

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
   SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
   SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
logo
Jiangsu High diode Semi...
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
B5817W HDSEMI-B5817W Datasheet
2Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
BAT46W HDSEMI-BAT46W Datasheet
1Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
B1040W HDSEMI-B1040W Datasheet
2Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
SD103AW UNSEMI-SD103AW Datasheet
2Mb / 4P
   SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
logo
Kwang Myoung I.S. CO.,L...
B0520LW KISEMICONDUCTOR-B0520LW Datasheet
155Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com