Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ4N60 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # NJ4N60
Description  4.0A 600V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ4N60 Datasheet(HTML) 3 Page - Nanjing International Group Co

  NJ4N60 Datasheet HTML 1Page - Nanjing International Group Co NJ4N60 Datasheet HTML 2Page - Nanjing International Group Co NJ4N60 Datasheet HTML 3Page - Nanjing International Group Co NJ4N60 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TC =25° , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250 A
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
A
Gate-Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100
nA
Reverse
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient
BVDSS/
TJ ID=250 A,Referenced to 25°C
0.6
V/°
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 A
2.0
4.0
V
Static Drain-Source On-State
Resistance
4N60
RDS(ON)
VGS = 10 V, ID = 2.2A
2.2
2.5
4N60-E
2.2
2.5
4N60-N
2.2
2.5
4N60-Q
2.2
2.5
4N60-S
2.2
2.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
520
670
pF
Output Capacitance
COSS
70
90
pF
Reverse Transfer Capacitance
CRSS
8
11
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 300V, ID = 4.0A,
RG = 25
(Note 1, 2)
13
35
ns
Turn-On Rise Time
4N60
tR
70
100
ns
4N60-E
60
100
ns
4N60-N
100
130
ns
4N60-Q
45
100
ns
4N60-S
40
100
ns
Turn-Off Delay Time
tD(OFF)
25
60
ns
Turn-Off Fall Time
4N60
tF
100
120
ns
4N60-E
70
120
ns
4N60-N
180
220
ns
4N60-Q
35
120
ns
4N60-S
70
120
ns
Total Gate Charge
QG
VDS= 480V,ID= 4.0A,
VGS= 10V (Note 1, 2)
15
20
nC
Gate-Source Charge
QGS
3.4
nC
Gate-Drain Charge
QGD
7.1
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0V, IS = 4.4A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
17.6
A
Reverse Recovery Time
trr
VGS = 0 V, IS = 4.4A,
dIF/dt = 100 A/ s (Note 1)
250
ns
Reverse Recovery Charge
QRR
1.5
C
Notes: 1. Pulse Test: Pulse width 300 s, Duty cycle 2%
2. Essentially independent of operating temperature
NJ4N60 POWER MOSFET


Similar Part No. - NJ4N60

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-LI DGNJDZ-NJ4N60-LI Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60A-LI DGNJDZ-NJ4N60A-LI Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60D-LI DGNJDZ-NJ4N60D-LI Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ4N60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY4N60D HY-HY4N60D Datasheet
166Kb / 4P
   600V / 4.0A N-Channel Enhancement Mode MOSFET
HY4N60T HY-HY4N60T Datasheet
107Kb / 4P
   600V / 4.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
   4.0A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
   4.0A, 900V N-CHANNEL POWER MOSFET
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
   4.0A 800V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3003 WILLSEMI-WNM3003 Datasheet
445Kb / 7P
   N-Channel, 30V, 4.0A, Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com