Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRD25-D48-S12 Datasheet(PDF) 5 Page - CUI INC

Part # PRD25-D48-S12
Description  DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25-D48-S12 Datasheet(HTML) 5 Page - CUI INC

  PRD25-D48-S12 Datasheet HTML 1Page - CUI INC PRD25-D48-S12 Datasheet HTML 2Page - CUI INC PRD25-D48-S12 Datasheet HTML 3Page - CUI INC PRD25-D48-S12 Datasheet HTML 4Page - CUI INC PRD25-D48-S12 Datasheet HTML 5Page - CUI INC PRD25-D48-S12 Datasheet HTML 6Page - CUI INC PRD25-D48-S12 Datasheet HTML 7Page - CUI INC PRD25-D48-S12 Datasheet HTML 8Page - CUI INC PRD25-D48-S12 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
cui.com
date 05/20/2016
│ page 5 of 13
CUI Inc
│ SERIES: PRD25 │ DESCRIPTION: DC-DC CONVERTER
MECHANICAL DRAWING (THROUGH HOLE)
units: inches [mm]
tolerance: X.XX ±0.02 [0.5]
X.XXX ±0.010 [0.25]
0.33
8.4
SIDE VIEW
MOUNTING
PLANE
.040±.002 PIN DIAMETER
.071
.002 SHOULDER DIAMETER
6X AT PINS 1-6
0.41
[10.4]
0.30
[7.62]
0.400
10.16
TYP
0.15
[3.8]
0.58
[14.7]
BOTTOM VIEW
#5
#4
#3
CL
CL
CL
#6
#2
#1
RECOMMENDED
PRI-SEC BARRIER
0.400
10.16
0.400
10.16
0.100
2.54
0.200
5.08
0.800
20.32
TOP VIEW
PIN #1
1.10
27.9
0.96
24.4
END VIEW
0.475
[12.07]
REF
0.25
6.3
PINCONNECTIONS
PIN
Function
1
+Vin
2
-Vin
3
+Vout
4
output trim
5
-Vout
6
on/off control
For more information, please visit the product page.


Similar Part No. - PRD25-D48-S12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-120 MACOM-PRD-11AG0-120 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-24 MACOM-PRD-11AG0-24 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results

Similar Description - PRD25-D48-S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com