Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA06 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MMBTA06
Description  SOT-23 Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMBTA06 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MMBTA06 Datasheet HTML 1Page - Nanjing International Group Co MMBTA06 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0.01
0.1
1
110
100
0.1
1
10
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
10
10
100
110
100
100
01
234
5678
9
10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
1
10
100
1000
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
V
CEsat
——
β=10
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
I
C
MMBTA06
Typical Characterisitics
β=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
P
c
——
T
a
AMBIENT TEMPERATURE T
a
( )
300
V
CE=2V
T
a=25
oC
70
3
I
C
f
T
——
COLLECTOR CURRENT I
C
(mA)
500
500
V
CB
/ V
EB
C
ob
/ C
ib
——
I
C
h
FE
——
500
V
CE=1V
T
a=25
oC
T
a=100
oC
20
COLLECTOR CURRENT I
C
(mA)
500
COMMON
EMITTER
T
a=25
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
f=1MHz
I
E=0 / IC=0
T
a=25
oC
C
ob
C
ib
REVERSE VOLTAGE V (V)
V
BE
——
I
C
BASE-EMITTER VOLTAGE
V
BE(V)
V
CE=1V
A,Oct,2010


Similar Part No. - MMBTA06

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA06 TRSYS-MMBTA06 Datasheet
139Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Foshan Blue Rocket Elec...
MMBTA06 FOSHAN-MMBTA06 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
Diotec Semiconductor
MMBTA06 DIOTEC-MMBTA06 Datasheet
108Kb / 2P
   Surface mount general purpose Si-epitaxial planar transistors
logo
Shenzhen Huazhimei Semi...
MMBTA06 HMSEMI-MMBTA06 Datasheet
921Kb / 9P
   Low-power pyroelectric infrared sensor signal processing chip
logo
SeCoS Halbleitertechnol...
MMBTA06 SECOS-MMBTA06 Datasheet
474Kb / 2P
   Plastic-Encapsulate Transistor
More results

Similar Description - MMBTA06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com