Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB240125UC Datasheet(PDF) 6 Page - CUI INC

Part # DTB240125UC
Description  LEAD ACID BATTERY CHARGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

DTB240125UC Datasheet(HTML) 6 Page - CUI INC

  DTB240125UC Datasheet HTML 1Page - CUI INC DTB240125UC Datasheet HTML 2Page - CUI INC DTB240125UC Datasheet HTML 3Page - CUI INC DTB240125UC Datasheet HTML 4Page - CUI INC DTB240125UC Datasheet HTML 5Page - CUI INC DTB240125UC Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
12/2010
6 of 6
LEAD ACID BATTERY CHARGER
18 ~ 36 W DESK-TOP
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
OUTPUT PLUG OPTIONS
12
12
9.5
9.5
10
1.7
1.7
0.7
EIAJ-3
EIAJ-2
EIAJ-1
EIAJ
4.75
4.0
2.35
P14/P14R
P13/P13R
C Unit
B
A
P12/P12R
mm
mm
mm
2.5
2.1
5.5
5.5
P11
C
Unit
B
A
P10
mm
mm
10
10
10
12
12
1.05
1.35
1.3
2.5
2.1
3.8
3.8
3.5
5.5
5.5
P9/P9R
P8/P8R
P7/P7R
P6/P6R
C
Unit
B
A
P5/P5R
mm
mm
mm
mm
mm
Add suffix “N” for center negative: PXX
N
Right Angle PXR
Standard PX
Right Angle PXXR
Standard PXX
Add suffix “P” for center positive: PXX
P
EIAJ Plugs
Locking DC Plug
Standard DC Plug
*Contact CUI for additional output plug options.


Similar Part No. - DTB240125UC

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
DTB2412 YHDC-DTB2412 Datasheet
613Kb / 1P
   DTB single phase synchronous transformer
More results

Similar Description - DTB240125UC

ManufacturerPart #DatasheetDescription
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com