Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN21A-95PB-2PF-G Datasheet(PDF) 6 Page - Hirose Electric

Part # PCN21A-95PB-2PF-G
Description  2mm Hard Metric Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN21A-95PB-2PF-G Datasheet(HTML) 6 Page - Hirose Electric

Back Button PCN21A-95PB-2PF-G Datasheet HTML 2Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 3Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 4Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 5Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 6Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 7Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 8Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 9Page - Hirose Electric PCN21A-95PB-2PF-G Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PCN21*-125PB-2PF
PCN21*-125PB-2PF-G
PCN21*-110PB-2PF
PCN21*-110PB-2PF-G
PCN21*-095PB-2PF
PCN21*-095PB-2PF-G
PCN21*-125PB-2W
PCN21*-125PB-2W-G
PCN21*-110PB-2W
PCN21*-110PB-2W-G
PCN21*-095PB-2W
PCN21*-095PB-2W-G
sHeader (Style B) [BWB-side male connector]
BRecommended PCB Footprints mounting pattern
B
C
D
48
48
42
42
36
36
48
48
42
42
36
36
125
175
110
154
095
133
125
175
110
154
095
133
25
25
22
22
19
19
25
25
22
22
19
19
49.95
49.95
49.95
49.95
37.95
37.95
43.95
43.95
43.95
43.95
37.95
37.95
No. of contacts
5
7
5
7
5
7
5
7
5
7
5
7
Mounted area
Short pin
Long pin
................................................................................ D
> P B T <
Row No.
Contact No.
1
B
A
( 0.55 )
( 0.4 )
2
f
e
d
c
b
a
z
< Short pin >
< Long pin >
C- Ø0.6 ±0.05
B ±0.1
2 ±0.05
................................................................................ D
Row No.
Contact No.
1
f
e
d
c
b
a
z
1
1
Through hole
Drilling diameter
: Ø0.7±0.02
Finishing diameter
: Ø0.6±0.05
Plating
: Cu 25µmin.
2
For 5-row type, row f and z are unnecessary.
3
Board thickness
: 1.6 to 5.6 mm
*A···PCB leads : Gold plating
*B···PCB leads : Tin plating 0
A
Product No.


Similar Part No. - PCN21A-95PB-2PF-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN2-S CUI-PCN2-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S CUI-PCN2-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - PCN21A-95PB-2PF-G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
FCI connector
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
HM2J07PE5110N9LF FCI-CONNECTOR-HM2J07PE5110N9LF Datasheet
734Kb / 10P
   MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
logo
Adam Technologies, Inc.
2PCI-A-M-154-A-0 ADAM-TECH-2PCI-A-M-154-A-0 Datasheet
96Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-A-M-110-B-0 ADAM-TECH-2PCI-A-M-110-B-0 Datasheet
98Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-AB25-M-110-NP-B ADAM-TECH-2PCI-AB25-M-110-NP-B Datasheet
88Kb / 1P
   HEAD METRIC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com