Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB120225UC Datasheet(PDF) 5 Page - CUI INC

Part # DTB120225UC
Description  LEAD ACID BATTERY CHARGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

DTB120225UC Datasheet(HTML) 5 Page - CUI INC

  DTB120225UC Datasheet HTML 1Page - CUI INC DTB120225UC Datasheet HTML 2Page - CUI INC DTB120225UC Datasheet HTML 3Page - CUI INC DTB120225UC Datasheet HTML 4Page - CUI INC DTB120225UC Datasheet HTML 5Page - CUI INC DTB120225UC Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
12/2010
5 of 6
LEAD ACID BATTERY CHARGER
18 ~ 36 W DESK-TOP
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
MECHANICAL DRAWING (all other models)
ac socket
IEC320
ac cord
SVT AWG 18*3C, UL 3PIN, 1.8 meter
dc cord
UL2468, AWG 20#*2C, black, 1.8 meter with dc connector
case
118 L x 60 W x 37.5 H mm, tolerance: ±1 mm
CENTER POSITIVE


Similar Part No. - DTB120225UC

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB122J ROHM-DTB122J Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTB122JK ROHM-DTB122JK Datasheet
65Kb / 3P
   Digital transistor (built-in resistors)
DTB123 ROHM-DTB123 Datasheet
65Kb / 3P
   Digital transistors (built-in resistors)
DTB123E ROHM-DTB123E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTB123E UTC-DTB123E Datasheet
148Kb / 3P
   DIGITAL TRANSISTORS
More results

Similar Description - DTB120225UC

ManufacturerPart #DatasheetDescription
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com