Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N261-015-6MF-BL Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N261-015-6MF-BL
Description  Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/F), 15 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N261-015-6MF-BL Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N261-015-6MF-BL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N261-015-6MF-BL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Meets or exceeds ANSI/TIA-568-C.2 category requirements for performance
Backward compatible with Cat6 and Cat5e installations
Specifications
INPUT
Cable Length (ft.)
15
Cable Length (m)
4.57
PHYSICAL
Color
Blue
CONNECTIONS
Connector A
(6) RJ45 (MALE)
Connector B
(6) RJ45 (FEMALE)
CERTIFICATIONS
Certifications
RoHS Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - N261-015-6MF-BL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N261-015-6MM-BL TRIPPLITE-N261-015-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 15 ft.
More results

Similar Description - N261-015-6MF-BL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N261-015-6FF-BL TRIPPLITE-N261-015-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 15 ft.
N261-015-6MM-BL TRIPPLITE-N261-015-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 15 ft.
N261-006-6MF-BL TRIPPLITE-N261-006-6MF-BL Datasheet
508Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/F), 6 ft.
N261-010-6MF-BL TRIPPLITE-N261-010-6MF-BL Datasheet
503Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/F), 10 ft.
N261-006-6FF-BL TRIPPLITE-N261-006-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 6 ft.
N261-010-6FF-BL TRIPPLITE-N261-010-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 10 ft.
N261-010-6MM-BL TRIPPLITE-N261-010-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 10 ft.
N261-006-6MM-BL TRIPPLITE-N261-006-6MM-BL Datasheet
498Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 6 ft.
N261-005-AQ TRIPPLITE-N261-005-AQ Datasheet
160Kb / 2P
   Augmented Cat6 (Cat6a) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Aqua, 5-ft.
N261-025-AQ TRIPPLITE-N261-025-AQ Datasheet
154Kb / 2P
   Augmented Cat6 (Cat6a) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Aqua, 25-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com