Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N200-015-BK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N200-015-BK
Description  Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 15 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N200-015-BK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N200-015-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N200-015-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black,
15 ft.
MODEL NUMBER: N200-015-BK
Description
The N200-015-BK Cat6 Gigabit Molded Patch Cable ensures ultra-fast performance throughout your Cat5/5e/6 network application. It connects high-speed
network components like computers, printers, video game systems, Blu-ray players, copy machines, routers and modems in a home or office Cat5/5e/6
application.
This 15-foot black cable is designed for 1000Base-T (1 Gbps Ethernet), 10/100Base-T (Ethernet), 100 Mbps TPDDI, 155 Mbps ATM, ISDN, voice, Token Ring
Type 3 and EIA/TIA applications. Manufactured from 24 AWG 4-pair stranded UTP with a staggered-pin plug design and male RJ45 connectors, each cable
provides high-speed connections up to one Gbps and flawless signal delivery, while keeping near-end crosstalk levels to a minimum.
Featuring a PVC jacket, the N200-015-BK is constructed of top-quality materials for long life and durability. Copper contacts are gold-plated to ensure an
accurate signal transfer. Molded integral strain relief guarantees a secure connection. Meets most current industry standards, including IEEE 802.3ab, IEEE
802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 6 draft 11).
Features
The Ideal Solution for All High-Speed Cat5/5e/6 Networking
Connects high-speed network components, such as computers, printers, video game systems, Blu-ray players, copy machines, routers and modems
Perfect for home or office
Designed for 1000Base-T, 10/100Base-T (Ethernet), 100 Mbps TPDDI, 155 Mbps ATM, ISDN, voice, Token Ring Type 3 and EIA/TIA applications
Provides high-speed connections up to 1 Gbps
Flawless signal delivery with minimal near-end crosstalk levels
Premium Construction Ensures Error-Free Signal Transfer
Manufactured from 24 AWG 4-pair stranded UTP with staggered-pin plug design
Male RJ45 connector at each end
Gold-plated copper contacts for accurate signal transfer
Molded integral strain relief for long life
Meets most current industry standards, including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 6 draft 11)
Highlights
Premium cabling for Cat5/5e/6
network applications
Rated for 550 MHz/1 Gbps
communication
24 AWG 4-pair stranded UTP
with PVC jacket
Gold-plated copper contacts
Meets most current industry
standards
Package Includes
N200-015-BK Cat6 Gigabit
Molded Patch Cable, Black, 15 ft.
1 / 2


Similar Part No. - N200-015-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N200-015-BL TRIPPLITE-N200-015-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 15 ft.
More results

Similar Description - N200-015-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N201-015-BK TRIPPLITE-N201-015-BK Datasheet
159Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Black, 15-ft.
N200-015-BL TRIPPLITE-N200-015-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 15 ft.
N200-001-BK TRIPPLITE-N200-001-BK Datasheet
490Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 1 ft.
N200-050-BK TRIPPLITE-N200-050-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 50 ft.
N200-003-BK TRIPPLITE-N200-003-BK Datasheet
490Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 3 ft.
N200-020-BK TRIPPLITE-N200-020-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 20 ft.
N200-007-BK TRIPPLITE-N200-007-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 7 ft.
N200-010-BK TRIPPLITE-N200-010-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 10 ft.
N201-015-WH TRIPPLITE-N201-015-WH Datasheet
157Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - White, 15-ft.
N201-015-BL TRIPPLITE-N201-015-BL Datasheet
160Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Blue, 15-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com