Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B155-003-DP-V2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B155-003-DP-V2
Description  3-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B155-003-DP-V2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B155-003-DP-V2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B155-003-DP-V2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B155-003-DP-V2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Computer with DisplayPort 1.2-compatible graphics card (e.g. AMD Radeon with AMD Eyefinity) required for
video wall mode. Backward compatible with most DisplayPort 1.1a equipment running current graphics drivers
with feature set limited to that of your equipment. Compatibility with older graphics cards not guaranteed.
Maximum supported video resolutions and number of monitors depend on your graphics card. Check graphics
card specifications to determine its capabilities.
3-Port Mini DisplayPort 1.2 to DisplayPort
Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K
x 2K) UHD
MODEL NUMBER: B155-003-DP-V2
Description
The B155-003-DP-V2 3-Port Mini DisplayPort 1.2 to DisplayPort MST Hub connects up to three DisplayPort
monitors to the Mini DisplayPort output on your computer. Ideal for digital signage in schools, churches,
conference rooms, trade shows, hotels and retail outlets, this hub allows you to display the same image on all
three monitors, extend the desktop across them, or combine all three as one large monitor in video wall mode.
The B155-003-DP-V2 is compliant with DisplayPort 1.2 and backward compatible with versions 1.1 and 1.1a with
the feature set being limited to that of your equipment. It supports Ultra High Definition (UHD) video resolutions
up to 3840 x 2160 (4K x 2K) at 24/30 Hz. In video wall mode, it supports expanded resolutions, such as 5760 x
1080 in a horizontal 1 x 3 monitor configuration or 1920 x 3240 in a vertical 3 x 1 configuration.
This MST hub also supports HDCP, EDID, DDC and 48-bit Deep Color (16 bits per channel), as well as
DTS-HD, Dolby TrueHD and 7.1-channel surround sound audio. It works with all operating systems.
Plug-and-play convenience means no software or drivers are needed. A built-in six-inch cable connects directly
to a Mini DisplayPort source. LEDs indicate when the monitors are receiving a signal. The B155-003-DP-V2
complies with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
Connects Up to 3 DisplayPort Monitors to Your Computer’s Mini DisplayPort (MDP)
Ideal for digital signs in schools, churches, conference rooms, trade shows and retail settings
Highlights
Supports UHD video resolutions
up to 3840 x 2160 (4K x 2K)
Built-in 6 in. cable connects
directly to Mini DisplayPort source
Supports up to 48-bit Deep Color
(16 bits per channel)
Works with all operating systems
Supports DTS-HD, Dolby
TrueHD and 7.1-channel
surround sound
System Requirements
Computer with DisplayPort
1.2-compatible graphics card
(e.g. AMD Radeon with AMD
Eyefinity) required for video wall
mode
Backward compatible with most
DisplayPort 1.1a equipment
running current graphics drivers
with feature set limited to that of
your equipment. Compatibility
with older graphics cards not
guaranteed.
Mac OS X does not support MST
for NVIDIA and Intel Graphics
Processor Units, limiting video
display on connected monitors to
mirror mode.
Maximum supported video
resolutions and number of
monitors depend on your
graphics card. Check graphics
card specifications to determine
its capabilities.
Monitor with DisplayPort input
Package Includes
B155-003-DP-V2 3-Port Mini
DisplayPort 1.2 to DisplayPort
MST Hub
External power supply with
NEMA 1-15P plug and 5 ft. cord
(Input: 100–240V, 50/60 Hz,
1 / 3


Similar Part No. - B155-003-DP-V2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B155-003-HD-V2 TRIPPLITE-B155-003-HD-V2 Datasheet
505Kb / 3P
   3-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
More results

Similar Description - B155-003-DP-V2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B156-003-V2 TRIPPLITE-B156-003-V2 Datasheet
498Kb / 3P
   3-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-004-V2 TRIPPLITE-B156-004-V2 Datasheet
517Kb / 3P
   4-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-002-DP-V2 TRIPPLITE-B155-002-DP-V2 Datasheet
500Kb / 3P
   2-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-002-V2 TRIPPLITE-B156-002-V2 Datasheet
521Kb / 3P
   2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B156-003-HD-V2 TRIPPLITE-B156-003-HD-V2 Datasheet
506Kb / 3P
   3-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-004-DP-V2 TRIPPLITE-B155-004-DP-V2 Datasheet
512Kb / 3P
   4-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4Kx 2K) UHD
B156-002-HD-V2 TRIPPLITE-B156-002-HD-V2 Datasheet
498Kb / 3P
   2-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-002-HD-V2 TRIPPLITE-B155-002-HD-V2 Datasheet
494Kb / 3P
   2-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) UHD
B155-003-HD-V2 TRIPPLITE-B155-003-HD-V2 Datasheet
505Kb / 3P
   3-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
B155-004-HD-V2 TRIPPLITE-B155-004-HD-V2 Datasheet
514Kb / 3P
   4-Port Mini DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160 (4K x 2K) 24/30Hz UHD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com