Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY24 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMY24
Description  Surface mount Silicon-Zener Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMY24 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMY24 Datasheet HTML 1Page - Diotec Semiconductor ZMY24 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
211
ZMY 1…ZMY 200 (1.3 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage
2)
Zener-Sspanng.
2)
I
Z = IZtest
V
zmin [V] Vzmax
Test cur.
Meß-
strom
I
ztest [mA]
Dyn. resistance
Diff. Widerst.
I
ztest / 1 kHz
r
zj [Ω]
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
α
VZ [10
-4 /°C]
Reverse volt.
Sperrspanng.
I
R = 1 µA
V
R [V]
Z-current
1)
Z-Strom
1)
T
A = 50°C
I
Zmax [mA]
ZMY 1
3)
0.71
0.82
100
0.5 (<1)
–26…–16
1000
ZMY 3.9
3.7
4.1
100
4 (<7)
–7…+2
317
ZMY 4.3
4.0
4.6
100
4 (<7)
–7…+3
283
ZMY 4.7
4.4
5.0
100
4 (<7)
–7…+4
260
ZMY 5.1
4.8
5.4
100
2 (<5)
–6…+5
241
ZMY 5.6
5.2
6.0
100
1 (<3)
–3…+5
> 1.5
217
ZMY 6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
197
ZMY 6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
181
ZMY 7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
165
ZMY 8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
149
ZMY 9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
135
ZMY 10
9.4
10.6
50
2 (<4)
+5…+9
> 5
123
ZMY 11
10.4
11.6
50
4 (<7)
+5…+10
> 5
112
ZMY 12
11.4
12.7
50
4 (<7)
+5…+10
> 7
102
ZMY 13
12.4
14.1
50
5 (<10)
+5…+10
> 7
92
ZMY 15
13.8
15.6
50
5 (<10)
+5…+10
> 10
83
ZMY 16
15.3
17.1
25
6 (<15)
+6…+11
> 10
76
ZMY 18
16.8
19.1
25
6 (<15)
+6…+11
> 10
68
ZMY 20
18.8
21.2
25
6 (<15)
+6…+11
> 10
61
ZMY 22
20.8
23.3
25
6 (<15)
+6…+11
> 12
56
ZMY 24
22.8
25.6
25
7 (<15)
+6…+11
> 12
51
ZMY 27
25.1
28.9
25
7 (<15)
+6…+11
> 14
45
ZMY 30
28
32
25
8 (<15)
+6…+11
> 14
41
ZMY 33
31
35
25
8 (<15)
+6…+11
> 17
37
ZMY 36
34
38
10
16 (<40)
+6…+11
> 17
34
ZMY 39
37
41
10
20 (<40)
+6…+11
> 20
32
ZMY 43
40
46
10
24 (<45)
+7…+12
> 20
28
ZMY 47
44
50
10
24 (<45)
+7…+12
> 24
26
ZMY 51
48
54
10
25 (<60)
+7…+12
> 24
24
ZMY 56
52
60
10
25 (<60)
+7…+12
> 28
22
ZMY 62
58
66
10
25 (<80)
+8…+13
> 28
20
ZMY 68
64
72
10
25 (<80)
+8…+13
> 34
18
ZMY 75
70
79
10
30 (<100)
+8…+13
> 34
16
ZMY 82
77
88
10
30 (<100)
+8…+13
> 41
15
ZMY 91
85
96
5
40 (<200)
+9…+13
> 41
14
ZMY 100
94
106
5
60 (<200)
+9…+13
> 50
12
ZMY 110
104
116
5
80 (<250)
+9…+13
> 50
11
ZMY 120
114
127
5
80 (<250)
+9…+13
> 60
10
ZMY 130
124
141
5
90 (<300)
+9…+13
> 60
9
ZMY 150
138
156
5
100 (<300)
+9…+13
> 75
8
ZMY 160
153
171
2.5
110 (<350)
+9…+13
> 75
8
ZMY 180
168
191
2.5
120 (<350)
+9…+13
> 90
7
ZMY 200
188
212
2.5
150 (<350)
+9…+13
> 90
6


Similar Part No. - ZMY24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY24 SEMTECH-ZMY24 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotec Semiconductor
ZMY24 DIOTEC-ZMY24 Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
ZMY24 DIOTEC-ZMY24 Datasheet
213Kb / 3P
   SMD Zener Diodes
logo
General Semiconductor
ZMY24 GE-ZMY24 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Vishay Siliconix
ZMY24 VISHAY-ZMY24 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
More results

Similar Description - ZMY24

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_10 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C10B DIOTEC-SZ3C10B Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com