Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGR-0118ZPCBA-411 Datasheet(PDF) 1 Page - RF Micro Devices

Part # CGR-0118ZPCBA-411
Description  DUAL CATV 5MHz to 65MHz CATV AMP IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGR-0118ZPCBA-411 Datasheet(HTML) 1 Page - RF Micro Devices

  CGR-0118ZPCBA-411 Datasheet HTML 1Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 2Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 3Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 4Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 5Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 6Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 7Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 8Page - RF Micro Devices CGR-0118ZPCBA-411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
1 of 14
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
CGR-0118Z
DUAL CATV 5MHz to 65MHz CATV AMP IC
RFMD’s CGR-0118Z is a high performance 75
 push-pull InGaP HBT
MMIC amplifier utilizing a Darlington configuration with an active bias net-
work. The active bias netwrok provides stable current over temperature
and process variations. Designed to run over a wide range of supply volt-
age, from 5V to 12V, the CGR-0118Z does not require a bias resistor as
compared to typical Darlington amplifiers. The CGR-0118Z is designed for
75
 return path applications where linear performance is needed over
the frequency range 5MHz to 65MHz.
Amplifier Configuration
1
2
3
4
8
7
6
5
Flat Gain Response:
25.4 ± 0.3dB
Excellent OIP3: 37.5dBm
Superior Return Loss: >20dB
Extremely Low CSO/CTB:
-80/-67dBc
Low Noise Figure: 3.0dB
Single Supply: 5V to 12V
Low DC Current: 130mA
Applications
CATV Return Path Amplifier
CATV Line Amplifier
Optical RX/TX
DS101203
Package: SOIC 8
CGR-0118Z
Dual CATV
5MHz to
65MHz CATV
Amp IC
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Characteristics
VCC=12V, TA=25°C, 75 System
Gain
25.4
dB
5MHz to 65MHz
Gain Slope
±0.3
dB
5MHz to 65MHz
Input Return Loss
20
dB
5MHz to 65MHz
Output Return Loss
20
dB
5MHz to 65MHz
Noise Figure
3
dBc
5MHz to 65MHz
Composite Triple Beat
-60
dBc
T7-T13 50dBmV/Channel
Cross Modulation
-63
dBc
T7-T13 50dBmV/Channel
Composite Second Order
-80
dBc
T7-T13 50dBmV/Channel
1dB Gain Compression Point
73.5
dBmV
65MHz
Output 3rd Order Intercept Point
37.5
dBm
5MHz, 65MHz (5dBm/tone at output, 1MHz spac-
ing)
Supply Voltage
12
V
See power supply note on page 7
Operating Current
130
mA


Similar Part No. - CGR-0118ZPCBA-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118ZPCBA-411 RFMD-CGR-0118ZPCBA-411 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
More results

Similar Description - CGR-0118ZPCBA-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
   Prescaler IC for CATV
logo
RF Micro Devices
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
TriQuint Semiconductor
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
   CATV Ultra-Linear Power Amp
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
logo
TriQuint Semiconductor
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801B TRIQUINT-TGA2801B Datasheet
272Kb / 8P
   CATV Ultra-Linear Power Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com