Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGR-0118ZPCBA-410 Datasheet(PDF) 10 Page - RF Micro Devices

Part # CGR-0118ZPCBA-410
Description  DUAL CATV 5MHz to 65MHz CATV AMP IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGR-0118ZPCBA-410 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button CGR-0118ZPCBA-410 Datasheet HTML 6Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 7Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 8Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 9Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 10Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 11Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 12Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 13Page - RF Micro Devices CGR-0118ZPCBA-410 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
DS101203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGR-0118Z
5V Application Schematic
8
2
6
3
1
5
7
4
R3
100
C2
0.1uF
C7
1uF
C6
1uF
C5
0.1uF
T1
XFM-0201-1WH
L2
10 uH
C16
2pF
T2
XFM-0201-WH
C9
1 uF
C10
10 uF
C8
0.1uF
C3
1uF
R1
10k
JP2
VDD
C1
3.3pF
J1
IN
R4
100
C4
1uF
R2
10k
C14
1uF
C15
1uF
L1
10uH
J2
OUT
JP1
GND
JP3
VDD


Similar Part No. - CGR-0118ZPCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118ZPCBA-410 RFMD-CGR-0118ZPCBA-410 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
More results

Similar Description - CGR-0118ZPCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
   Prescaler IC for CATV
logo
RF Micro Devices
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
TriQuint Semiconductor
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
   CATV Ultra-Linear Power Amp
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
logo
TriQuint Semiconductor
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801B TRIQUINT-TGA2801B Datasheet
272Kb / 8P
   CATV Ultra-Linear Power Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com