Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGR-0118ZSR Datasheet(PDF) 2 Page - RF Micro Devices

Part # CGR-0118ZSR
Description  DUAL CATV 5MHz to 65MHz CATV AMP IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGR-0118ZSR Datasheet(HTML) 2 Page - RF Micro Devices

  CGR-0118ZSR Datasheet HTML 1Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 2Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 3Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 4Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 5Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 6Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 7Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 8Page - RF Micro Devices CGR-0118ZSR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
DS101203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGR-0118Z
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply (VCC)14
VDC
RF Input Voltage (Single Tone) (VIN)65dBmV
Operating Case Temperature Range
(TC)
-40 to +100
°C
Storage Temperature Range (TSTG)
-40 to +150
°C
RF Input (RFIN)
+24
dBmV
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Electrical Characteristics
VCC=8V, TA=25°C, 75 System
Gain
25.4
dB
5MHz to 65MHz
Gain Slope
±0.3
dB
5MHz to 65MHz
Input Return Loss
20
dB
5MHz to 65MHz
Output Return Loss
20
dB
5MHz to 65MHz
Noise Figure
3
dBc
5MHz to 65MHz
Composite Triple Beat
-67
dBc
T7-T13 50dBmV/Channel
Cross Modulation
-63
dBc
T7-T13 50dBmV/Channel
Composite Second Order
-80
dBc
T7-T13 50dBmV/Channel
1dB Gain Compression Point
73.5
dBmV
65MHz
Output 3rd Order Intercept Point
37.5
dBm
5MHz, 65MHz (5dBm/tone at output, 1MHz spac-
ing)
Supply Voltage
8
V
See power supply note on page 7
Operating Current
130
mA
5V Specification Table
VCC=5V, TA=25°C, 75 System
Gain
25.4
dB
5MHz to 65MHz
Gain Slope
±0.3
dB
5MHz to 65MHz
Input Return Loss
20
dB
5MHz to 65MHz
Output Return Loss
20
dB
5MHz to 65MHz
Noise Figure
2.7
dBc
5MHz to 65MHz
Composite Triple Beat
-60
dBc
T7-T13 50dBmV/Channel
Cross Modulation
-63
dBc
T7-T13 50dBmV/Channel
Composite Second Order
-80
dBc
T7-T13 50dBmV/Channel
1dB Gain Compression Point
74
dBmV
65MHz
Output 3rd Order Intercept Point
40
dBm
5MHz, 65MHz (5dBm/tone at output, 1MHz spac-
ing)
Supply Voltage
5
V
Operating Current
262
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - CGR-0118ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118ZSR RFMD-CGR-0118ZSR Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
More results

Similar Description - CGR-0118ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
   Prescaler IC for CATV
logo
RF Micro Devices
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
TriQuint Semiconductor
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
   CATV Ultra-Linear Power Amp
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
logo
TriQuint Semiconductor
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801B TRIQUINT-TGA2801B Datasheet
272Kb / 8P
   CATV Ultra-Linear Power Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com