Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA3318ZSQ Datasheet(PDF) 7 Page - RF Micro Devices

Part # CGA3318ZSQ
Description  DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA3318ZSQ Datasheet(HTML) 7 Page - RF Micro Devices

Back Button CGA3318ZSQ Datasheet HTML 2Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 3Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 4Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 5Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 6Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 7Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 8Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 9Page - RF Micro Devices CGA3318ZSQ Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
DS120502
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-3318Z
5MHz to 210MHz Application Circuit Schematic
5MHz to 100MHz Evaluation Board Layout
CGA-3318
SOIC-08
0.01 P
F
0.01 P
F 1000pF
68pF
Vs
RBIAS
Amp 1
0.01 P
F
0.01 P
F
0.01 P
F
10 P+
Macom
ETC1-1T
Macom
ETC1-1T
1 P
F Tant.
1 P
F Tant.
0.01 P
F
1000pF
68pF
10 P+
Vs
RBIAS
Amp 2
1
4
8
5
6,7
2,3
ECB-101611 Rev A
ESOP-8
Push-Pull
Eval Board
RF OUTPUT
RF INPUT
.01uF
1000pF
68pF
10uH
10uH
68pF
1000pF
.01uF
0.01uF
0.01uF
0.01uF
0.01uF
Balun ETC1-1T
Balun ETC1-1T
Rbias
Rbias
1uF Tant.
1uF Tant.


Similar Part No. - CGA3318ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA3318ZSQ RFMD-CGA3318ZSQ Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
More results

Similar Description - CGA3318ZSQ

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
Stanford Microdevices
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
CGA-6618 RFMD-CGA-6618 Datasheet
427Kb / 10P
   DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-6618 SIRENZA-CGA-6618 Datasheet
297Kb / 8P
   Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com