Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE170 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P6KE170
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6KE170 Datasheet(HTML) 1 Page - Diotec Semiconductor

  P6KE170 Datasheet HTML 1Page - Diotec Semiconductor P6KE170 Datasheet HTML 2Page - Diotec Semiconductor P6KE170 Datasheet HTML 3Page - Diotec Semiconductor P6KE170 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1) Non-repetitive current pulse see curve I
PPM = f (tr)
Höchstzulässiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve I
PPM = f (tr)
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3) Unidirectional diodes only – Nur für unidirektionale Dioden
1
25.03.2003
P6 KE 6.8 ... P6 KE 440CA, P6 KE 520C
Unidirectional and bidirectional
Unidirektionale und bidirektionale
Transient Voltage Suppressor Diodes
Spannungs-Begrenzer-Dioden
Peak pulse power dissipation
600 W
Impuls-Verlustleistung
Nominal breakdown voltage
6.8...520 V
Nominale Abbruch-Spannung
Plastic case – Kunststoffgehäuse
DO-15 (DO-204AC)
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die el. Werte in beiden Richtungen.
Maximum ratings and Characteristics
Kenn- und Grenzwerte
Peak pulse power dissipation (10/1000
:s waveform)
T
A = 25
/CP
PPM
600 W 1)
Impuls-Verlustleistung (Strom-Impuls 10/1000
:s)
Steady state power dissipation
T
A = 25
/CP
M(AV)
5 W 2)
Verlustleistung im Dauerbetrieb
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
100 A 3)
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C
Max. instantaneous forward voltage
I
F = 50 A
V
BR
# 200 V
V
F
< 3.5 V 3)
Augenblickswert der Durchlaßspannung
V
BR > 200 V
V
F
< 5.0 V 3)
Thermal resistance junction to ambient air
R
thA
< 30 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to lead
R
thL
< 15 K/W
Wärmewiderstand Sperrschicht – Anschlußdraht


Similar Part No. - P6KE170

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE170 PANJIT-P6KE170 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE170 YANGJIE-P6KE170 Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE170 TSC-P6KE170 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE170 MICROSEMI-P6KE170 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Shenzhen Luguang Electr...
P6KE170 LUGUANG-P6KE170 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE170

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com