Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z5267B Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MM1Z5267B
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MM1Z5267B Datasheet(HTML) 2 Page - Nanjing International Group Co

  MM1Z5267B Datasheet HTML 1Page - Nanjing International Group Co MM1Z5267B Datasheet HTML 2Page - Nanjing International Group Co MM1Z5267B Datasheet HTML 3Page - Nanjing International Group Co MM1Z5267B Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 09/11/2007
MM1Z5221B~MM1Z5267B
Zener Voltage Range
1)
Dynamic Impedance
2)
Reverse Current
Vznom
lZT for
VZT
ZZT
ZZK
at IZK
IR
at VR
Type
Marking
Code
V
mA
V
Ω (Max.)
Ω (Max.)
mA
µA (Max.)
V
MM1Z5221B
A4
2.4
20
2.28…2.52
30
1200
0.25
100
1
MM1Z5223B
B4
2.7
20
2.57…2.84
30
1300
0.25
75
1
MM1Z5225B
C4
3.0
20
2.85…3.15
29
1600
0.25
50
1
MM1Z5226B
D4
3.3
20
3.14…3.47
28
1600
0.25
25
1
MM1Z5227B
E4
3.6
20
3.42…3.78
24
1700
0.25
15
1
MM1Z5228B
F4
3.9
20
3.71…4.1
23
1900
0.25
10
1
MM1Z5229B
H4
4.3
20
4.09…4.52
22
2000
0.25
5
1
MM1Z5230B
J4
4.7
20
4.47…4.94
19
1900
0.25
5
2
MM1Z5231B
K4
5.1
20
4.85…5.36
17
1600
0.25
5
2
MM1Z5232B
M4
5.6
20
5.32…5.88
11
1600
0.25
5
3
MM1Z5234B
N4
6.2
20
5.89…6.51
7
1000
0.25
5
4
MM1Z5235B
P4
6.8
20
6.46…7.14
5
750
0.25
3
5
MM1Z5236B
R4
7.5
20
7.13…7.88
6
500
0.25
3
6
MM1Z5237B
X4
8.2
20
7.79…8.61
8
500
0.25
3
6.5
MM1Z5239B
Y4
9.1
20
8.65…9.56
10
600
0.25
3
7
MM1Z5240B
Z4
10
20
9.5…10.5
17
600
0.25
3
8
MM1Z5241B
A5
11
20
10.45…11.55
22
600
0.25
2
8.4
MM1Z5242B
B5
12
20
11.4…12.6
30
600
0.25
1
9.1
MM1Z5243B
C5
13
9.5
12.35…13.65
13
600
0.25
0.5
9.9
MM1Z5245B
D5
15
8.5
14.25…15.75
16
600
0.25
0.1
11
MM1Z5246B
E5
16
7.8
15.2…16.8
17
600
0.25
0.1
12
MM1Z5248B
F5
18
7
17.1…18.9
21
600
0.25
0.1
14
MM1Z5249B
K9
19
6.6
18.05…19.95
23
600
0.25
0.1
14
MM1Z5250B
H5
20
6.2
19…21
25
600
0.25
0.1
15
MM1Z5251B
J5
22
5.6
20.9…23.1
29
600
0.25
0.1
17
MM1Z5252B
K5
24
5.2
22.8…25.2
33
600
0.25
0.1
18
MM1Z5253B
M9
25
5
23.75…26.25
35
600
0.25
0.1
19
MM1Z5254B
M5
27
4.6
25.65…28.35
41
600
0.25
0.1
21
MM1Z5256B
N5
30
4.2
28.5…31.5
49
600
0.25
0.1
23
MM1Z5257B
P5
33
3.8
31.35…34.65
58
700
0.25
0.1
25
MM1Z5258B
R5
36
3.4
34.2…37.8
70
700
0.25
0.1
27
MM1Z5259B
X5
39
3.2
37.05…40.95
80
800
0.25
0.1
30
MM1Z5260B
Y5
43
3
40.85…45.15
93
900
0.25
0.1
33
MM1Z5261B
Z5
47
2.7
44.65…49.35
105
1000
0.25
0.1
36
MM1Z5262B
A6
51
2.5
48.45…53.55
125
1100
0.25
0.1
39
MM1Z5263B
B6
56
2.2
53.2…58.8
150
1300
0.25
0.1
43
MM1Z5265B
C6
62
2
58.9…65.1
185
1400
0.25
0.1
47
MM1Z5266B
D6
68
1.8
64.6…71.4
230
1600
0.25
0.1
52
MM1Z5267B
E6
75
1.7
71.25…78.75
270
1700
0.25
0.1
56
1) V
Z is tested with pulses (20 ms)
2) Z
ZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified
limits are for IZ(AC) = 0.1 IZ(DC) with the AC frequency = 1 KHz.


Similar Part No. - MM1Z5267B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM1Z5267B SEMTECH_ELEC-MM1Z5267B Datasheet
287Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z5267B HTSEMI-MM1Z5267B Datasheet
676Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM1Z5267BH ZOWIE-MM1Z5267BH Datasheet
278Kb / 3P
   SILICON PLANAR ZENER DIODES Lead free product Halogen - free type
More results

Similar Description - MM1Z5267B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com