Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY1 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZY1
Description  Silicon-Power-Z-Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZY1 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZY1 Datasheet HTML 1Page - Diotec Semiconductor ZY1 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
215
28.02.2002
ZY 1 … ZY 200 (2 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spanng.2)
I
Z = IZtest
V
Zmin [V] VZmax
Test
current
Meßstrom
I
Ztest [mA]
Dyn. resistance
Diff. Widerst.
I
ztest / 1 kHz
r
zj [
S]
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
"
VZ [10
-4/
/C]
Reverse volt.
Sperrspanng.
I
R = 1
:A
V
R [V]
Z-current 1)
Z-Strom 1)
T
A = 50
/C
I
Zmax [mA]
ZY 1 3)
0.71
0.82
100
0.5 (<1)
–26…–16
1500
ZY 3.9
3.7
4.1
100
3.8 (<7)
–7…+2
439
ZY 4.3
4.0
4.6
100
3.8 (<7)
–7…+3
391
ZY 4.7
4.4
5.0
100
3 (<6)
–7…+4
360
ZY 5.1
4.8
5.4
100
2 (<5)
–6…+5
333
ZY 5.6
5.2
6.0
100
1 (<3)
–3…+5
> 1.0
300
ZY 6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
273
ZY 6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
250
ZY 7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
228
ZY 8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
207
ZY 9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
188
ZY 10
9.4
10.6
50
2 (<4)
+5…+9
> 5
170
ZY 11
10.4
11.6
50
3 (<6)
+5…+10
> 5
155
ZY 12
11.4
12.7
50
4 (<7)
+5…+10
> 7
142
ZY 13
12.4
14.1
50
5 (<9)
+5…+10
> 7
128
ZY 15
13.8
15.6
50
5 (<10)
+5…+10
> 10
115
ZY 16
15.3
17.1
25
6 (<12)
+6…+11
> 10
105
ZY 18
16.8
19.1
25
6 (<15)
+6…+11
> 10
94
ZY 20
18.8
21.2
25
6 (<15)
+6…+11
> 10
85
ZY 22
20.8
23.3
25
6 (<15)
+6…+11
> 12
77
ZY 24
22.8
25.6
25
7 (<15)
+6…+11
> 12
70
ZY 27
25.1
28.9
25
7 (<15)
+6…+11
> 14
62
ZY 30
28
32
25
8 (<15)
+6…+11
> 14
56
ZY 33
31
35
25
8 (<15)
+6…+11
> 17
51
ZY 36
34
38
10
16 (<30)
+6…+11
> 17
47
ZY 39
37
41
10
20 (<40)
+6…+11
> 20
44
ZY 43
40
46
10
24 (<40)
+7…+12
> 20
39
ZY 47
44
50
10
24 (<40)
+7…+12
> 24
36
ZY 51
48
54
10
25 (<60)
+7…+12
> 24
33
ZY 56
52
60
10
25 (<60)
+7…+12
> 28
30
ZY 62
58
66
10
25 (<80)
+8…+13
> 28
27
ZY 68
64
72
10
25 (<80)
+8…+13
> 34
25
ZY 75
70
79
10
30 (<100)
+8…+13
> 34
23
ZY 82
77
88
10
30 (<100)
+8…+13
> 41
20
ZY 91
85
96
5
40 (<150)
+9…+13
> 41
19
ZY 100
94
106
5
60 (<150)
+9…+13
> 50
17
ZY 110
104
116
5
80 (<200)
+9…+13
> 50
16
ZY 120
114
127
5
80 (<200)
+9…+13
> 60
14
ZY 130
124
141
5
90 (<250)
+9…+13
> 60
13
ZY 150
138
156
5
100 (<250)
+9…+13
> 75
12
ZY 160
153
171
5
110 (<300)
+9…+13
> 75
11
ZY 180
168
191
5
120 (<350)
+9…+13
> 90
9
ZY 200
188
212
5
150 (<350)
+9…+13
> 90
8


Similar Part No. - ZY1

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZY1 GE-ZY1 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Vishay Siliconix
ZY1 VISHAY-ZY1 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Semikron International
ZY1 SEMIKRON-ZY1 Datasheet
48Kb / 1P
   Axial lead diode Zener silicon diodes
logo
Diotec Semiconductor
ZY1 DIOTEC-ZY1 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZY1 NJSEMI-ZY1 Datasheet
102Kb / 2P
   ZENER DIODES
More results

Similar Description - ZY1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZV58C8V2 DIOTEC-BZV58C8V2 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX39 DIOTEC-ZX39 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B Datasheet
93Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com